Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C161S Datasheet (PDF) - Infineon Technologies AG

C161S Datasheet PDF - Infineon Technologies AG
Part # C161S
Download  C161S Download
File Size   1315.62 Kbytes
Page   75 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 16-Bit Single-Chip Microcontroller

C161S Datasheet (PDF)

Go To PDF Page Download Datasheet
C161S Datasheet PDF - Infineon Technologies AG

Part # C161S
Download  C161S Click to download

File Size   1315.62 Kbytes
Page   75 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 16-Bit Single-Chip Microcontroller

C161S Datasheet (HTML) - Infineon Technologies AG


C161S Product details

Summary of Features
• High Performance 16-bit CPU with 4-Stage Pipeline
    – 80 ns Instruction Cycle Time at 25 MHz CPU Clock
    – 400 ns Multiplication (16 × 16 bit), 800 ns Division (32 / 16 bit)
    – Enhanced Boolean Bit Manipulation Facilities
    – Additional Instructions to Support HLL and Operating Systems
    – Register-Based Design with Multiple Variable Register Banks
    – Single-Cycle Context Switching Support
    – 16 Mbytes Total Linear Address Space for Code and Data
    – 1024 Bytes On-Chip Special Function Register Area
• 16-Priority-Level Interrupt System with 30 Sources, Sample-Rate down to 40 ns
• 8-Channel Interrupt-Driven Single-Cycle Data Transfer Facilities via Peripheral Event Controller (PEC)
• Clock Generation via on-chip PLL (factors 1:1.5/2/2.5/3/4/5), via prescaler or via direct clock input
• On-Chip Memory Modules: 2 Kbytes On-Chip Internal RAM (IRAM)
• On-Chip Peripheral Modules
    – Two Multi-Functional General Purpose Timer Units with 5 Timers
    – Two Serial Channels (Sync./Asynchronous and High-Speed-Synchronous)
    – On-Chip Real Time Clock
• External Address Space for Code and Data
    – Programmable External Bus Characteristics for Different Address Ranges
    – Multiplexed or Demultiplexed External Address/Data Buses with 8-bit or 16-bit Data Bus Width
    – Four Programmable Chip-Select Signals
    – 4 Mbytes maximum address window size, results in a total external address space of 16 Mbytes, when all chip-select signal (address windows) are active
• Idle and Power Down Modes with Flexible Power Management
• Programmable Watchdog Timer and Oscillator Watchdog
• Up to 63 General Purpose I/O Lines, partly with Selectable Input Thresholds and Hysteresis
• Power Supply: the C161S can operate from a 5 V or a 3 V power supply (see Table 1)
• Supported by a Large Range of Development Tools like C-Compilers, Macro-Assembler Packages, Emulators, Evaluation Boards, HLL-Debuggers, Simulators, Logic Analyzer Disassemblers, Programming Boards
• On-Chip Bootstrap Loader
• 80-Pin MQFP Package




Similar Part No. - C161S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C161 INFINEON-C161 Datasheet
5Mb / 400P
16-Bit Single-Chip Microcontroller
1999-08 V 1.0
logo
Time Electronics Ltd.
C161 TIME-ELECTRONICS-C161 Datasheet
194Kb / 1P
1049 PT100 Simulator
v1c 22/3/11
C161 TIME-ELECTRONICS-C161 Datasheet
580Kb / 1P
1041 Resistance Decade Box
11/22
C161 TIME-ELECTRONICS-C161 Datasheet
545Kb / 1P
1051 Resistance Decade Box
11/22
C161 TIME-ELECTRONICS-C161 Datasheet
330Kb / 1P
1061 Resistance Decade Box
10/22
More results


Similar Description - C161S

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
16-bit Single Chip Microcontroller
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
16-BIT SINGLE-CHIP MICROCONTROLLER
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com