Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POWERSTEP01TR Datasheet (PDF) - STMicroelectronics

POWERSTEP01TR Datasheet PDF - STMicroelectronics
Part # POWERSTEP01TR
Download  POWERSTEP01TR Download
File Size   1723.19 Kbytes
Page   92 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description System-in-package integrating microstepping controller and 10 A power MOSFETs

POWERSTEP01TR Datasheet (PDF)

Go To PDF Page Download Datasheet
POWERSTEP01TR Datasheet PDF - STMicroelectronics

Part # POWERSTEP01TR
Download  POWERSTEP01TR Click to download

File Size   1723.19 Kbytes
Page   92 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description System-in-package integrating microstepping controller and 10 A power MOSFETs

POWERSTEP01TR Datasheet (HTML) - STMicroelectronics


POWERSTEP01TR Product details

Description
The powerSTEP01 is a a system-in-package integrating 8 N-channel 16 mΩ MOSFETs for stepper applications up to 85 V with a SPI programmable controller, providing fully digital control of the motion through a speed profile generation and positioning calculations. It integrates a dual low RDS(on) full bridge with embedded non-dissipative overcurrent protection. The device can operate with both voltage mode driving and advanced current control fitting different application needs. The digital control core can generate user defined motion profiles with acceleration, deceleration, speed or a target position easily programmed through a dedicated register set. All application commands and data registers, including those used to set analog values (i.e. current protection trip point, deadtime, PWM frequency, etc.) are sent through a standard 5-Mbit/s SPI. A very rich set of protections (thermal, low bus voltage, overcurrent and motor stall) make the powerSTEP01 “bullet proof”, as required by the most demanding motor control applications. VFQFPN 11 x 14 mm




Similar Part No. - POWERSTEP01TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERSO-10 STMICROELECTRONICS-POWERSO-10 Datasheet
85Kb / 5P
10LEADS POWER SMALL OUTLINE PACKAGE
Nov-2002
POWERSO-10ÆË STMICROELECTRONICS-POWERSO-10ÆË Datasheet
183Kb / 18P
HIGH SIDE DRIVER
Oct-2004
logo
Amkor Technology
POWERSOP AMKOR-POWERSOP Datasheet
311Kb / 2P
Power Small Outline Package,PowerSOP
POWERSOP2 AMKOR-POWERSOP2 Datasheet
367Kb / 2P
Exceptional performance through the innovative design of PSOPs offer
logo
STMicroelectronics
PowerSSO-36 STMICROELECTRONICS-PowerSSO-36 Datasheet
1Mb / 53P
Motor bridge driver for automotive applications
21-Jun-2013
More results


Similar Description - POWERSTEP01TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6056 ETC-OM6056 Datasheet
29Kb / 2P
POWER MOSFETS IN A HERMETIC ISOLATED POWER BLOCK PACKAGE
OM5N100NK ETC-OM5N100NK Datasheet
19Kb / 2P
POWER MOSFETS IN A TO-3 PACKAGE
logo
NXP Semiconductors
BGB203 PHILIPS-BGB203 Datasheet
1Mb / 24P
Bluetooth System-in-a-Package radio with baseband controller
Rev. 1.0-2005 July 28
logo
Mitsubishi Electric Sem...
M62301SP MITSUBISHI-M62301SP Datasheet
102Kb / 9P
10~12-BIT 4CH INTEGRATING A-D CONVERTER
logo
Lattice Semiconductor
POWR6AT6 LATTICE-POWR6AT6 Datasheet
919Kb / 34P
In-System Programmable Power Supply Monitoring and Margining Controller
logo
Hamamatsu Corporation
C9404MC HAMAMATSU-C9404MC Datasheet
414Kb / 4P
Integrating optical system, image sensor and circuit
C9406GC HAMAMATSU-C9406GC Datasheet
420Kb / 4P
Integrating optical system, image sensor and circuit
logo
Lattice Semiconductor
ISPPAC-POWR604 LATTICE-ISPPAC-POWR604 Datasheet
266Kb / 29P
In-System Programmable Power Supply Sequencing Controller and Monitor
logo
International Rectifier
IRF9389PBF IRF-IRF9389PBF_15 Datasheet
249Kb / 14P
High and low-side MOSFETs in a single package
logo
Infineon Technologies A...
IRF9389PBF INFINEON-IRF9389PBF Datasheet
249Kb / 14P
High and low-side MOSFETs in a single package
January 14 2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com