Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCF40106 Datasheet (PDF) - STMicroelectronics

HCF40106 Datasheet PDF - STMicroelectronics
Part # HCF40106
Download  HCF40106 Download
File Size   334.39 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Hex Schmitt trigger

HCF40106 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF40106 Datasheet PDF - STMicroelectronics

Part # HCF40106
Download  HCF40106 Click to download

File Size   334.39 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Hex Schmitt trigger

HCF40106 Datasheet (HTML) - STMicroelectronics


HCF40106 Product details

Description
The HCF40106 is a monolithic integrated circuit fabricated in metal oxide semiconductor technology available in an SO-14 package.
The HCF40106 consists of six Schmitt trigger circuits. Each circuit functions as an inverter with Schmitt trigger action on the input. The trigger switches at different points for positive and negative-going signals. The difference between the positive voltage (VP) and the negative voltage (VN) is defined as hysteresis voltage (VH).

Features
● Schmitt trigger action with no external components
● Hysteresis voltage typically:
   0.9 V at VDD = 5 V
   2.3 V at VDD =10 V
   3.5 V at VDD =15 V
● Noise immunity greater than 50%
● No limit on input rise and fall times
● Low VDD to VSS current during slow input ramp
● Standardized symmetrical output characteristics
● Quiescent current specified up to 20 V
● 5 V, 10 V, and 15 V parametric ratings
● Input leakage current II = 100 nA (max.) at
   VDD = 18 V and TA = 25 °C
● 100% tested for quiescent current
● ESD performance
   – HBM: 2 kV
   – MM: 200 V
   – CDM: 1 kV




Similar Part No. - HCF40106

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF40106B STMICROELECTRONICS-HCF40106B Datasheet
305Kb / 13P
HEX SCHMITT TRIGGERS
Jun-1989
HCF40106BC1 STMICROELECTRONICS-HCF40106BC1 Datasheet
305Kb / 13P
HEX SCHMITT TRIGGERS
Jun-1989
HCF40106BEY STMICROELECTRONICS-HCF40106BEY Datasheet
305Kb / 13P
HEX SCHMITT TRIGGERS
Jun-1989
HCF40106BEY STMICROELECTRONICS-HCF40106BEY Datasheet
310Kb / 10P
HEX SCHMITT TRIGGER
Mar-2004
HCF40106BM1 STMICROELECTRONICS-HCF40106BM1 Datasheet
305Kb / 13P
HEX SCHMITT TRIGGERS
Jun-1989
More results


Similar Description - HCF40106

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD40106BM NSC-CD40106BM Datasheet
134Kb / 6P
Hex Schmitt Trigger
MM54C14 NSC-MM54C14 Datasheet
124Kb / 6P
Hex Schmitt Trigger
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B Datasheet
182Kb / 8P
Hex Schmitt Trigger
March, 2000 ??Rev. 3
MC14584B ONSEMI-MC14584B Datasheet
163Kb / 8P
Hex Schmitt Trigger
March, 2000 ??Rev. 3
logo
Rohm
BU4584B ROHM-BU4584B Datasheet
46Kb / 4P
Hex Schmitt trigger
logo
Fairchild Semiconductor
CD40106BC FAIRCHILD-CD40106BC Datasheet
66Kb / 6P
Hex Schmitt Trigger
MM74C14 FAIRCHILD-MM74C14 Datasheet
63Kb / 6P
Hex Schmitt Trigger
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_06 Datasheet
152Kb / 10P
Hex Schmitt Trigger
October, 2006 ??Rev. 7
logo
Fairchild Semiconductor
MM74C14MX FAIRCHILD-MM74C14MX Datasheet
69Kb / 6P
Hex Schmitt Trigger
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_14 Datasheet
126Kb / 8P
Hex Schmitt Trigger
August, 2014 ??Rev. 10
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com