| Manufacturer | Part # | Datasheet | Description |
 Analog Devices |
AD5313R
|
698Kb / 28P |
Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
REV. 0 |
|
AD5689
|
2Mb / 24P |
Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0 |
|
AD5689R
|
684Kb / 28P |
Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0 |
|
AD5697R
|
1Mb / 28P |
Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0 |
|
AD5620
|
538Kb / 28P |
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F |
|
AD5668BRUZ-2
|
1Mb / 32P |
Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Rev. G |
|
AD5629R
|
1Mb / 32P |
Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
REV. B |
|
AD5684ARUZ-RL7
|
683Kb / 28P |
Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A |
|
AD5317R
|
1Mb / 28P |
Quad, 10-Bit nanoDAC Reference, SPI Interface
5/2017-Rev. A to Rev. B |
|
AD5686R
|
1,005Kb / 31P |
Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
1/2017-Rev. C to Rev. D |