Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMTH4005SPS Datasheet (PDF) - Diodes Incorporated

DMTH4005SPS Datasheet PDF - Diodes Incorporated
Part # DMTH4005SPS
Download  DMTH4005SPS Download
File Size   534.88 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET

DMTH4005SPS Datasheet (PDF)

Go To PDF Page Download Datasheet
DMTH4005SPS Datasheet PDF - Diodes Incorporated

Part # DMTH4005SPS
Download  DMTH4005SPS Click to download

File Size   534.88 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET

DMTH4005SPS Datasheet (HTML) - Diodes Incorporated


DMTH4005SPS Product details

Description and Applications
This MOSFET is designed to minimize the on-state resistance (RDS(ON)), yet maintain superior switching performance, making it ideal for high-efficiency power management applications.

• Engine Management Systems
• Body Control Electronics
• DC-DC Converters

Features
• Rated to +175°C – Ideal For High Ambient Temperature
   Environments
• 100% Unclamped Inductive Switching – Ensures More Reliable
   And Robust End Application
• Low RDS(ON) – Minimizes Power Losses
• Low Qg – Minimizes Switching Losses
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• An Automotive-Compliant Part is Available Under Separate
   Datasheet (DMTH4005SPSQ)




Similar Part No. - DMTH4005SPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH4005SPS DIODES-DMTH4005SPS Datasheet
519Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMTH4005SPS-13 DIODES-DMTH4005SPS-13 Datasheet
519Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMTH4005SPSQ DIODES-DMTH4005SPSQ Datasheet
594Kb / 7P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMTH4005SPSQ-13 DIODES-DMTH4005SPSQ-13 Datasheet
594Kb / 7P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMTH4005SPS DIODES-DMTH4005SPS_17 Datasheet
519Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results


Similar Description - DMTH4005SPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH4006SK3 DIODES-DMNH4006SK3 Datasheet
652Kb / 7P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMNH4011SK3 DIODES-DMNH4011SK3 Datasheet
545Kb / 6P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMNH4011SK3Q DIODES-DMNH4011SK3Q Datasheet
493Kb / 7P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMTH4004LK3 DIODES-DMTH4004LK3 Datasheet
455Kb / 7P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMTH4004SCTB DIODES-DMTH4004SCTB Datasheet
701Kb / 6P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMTH4004SPS DIODES-DMTH4004SPS Datasheet
431Kb / 7P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMTH4007SPS DIODES-DMTH4007SPS Datasheet
396Kb / 8P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMTH4004LPS DIODES-DMTH4004LPS Datasheet
559Kb / 6P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMTH4007SK3 DIODES-DMTH4007SK3 Datasheet
393Kb / 7P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMTH4004SPS DIODES-DMTH4004SPS_17 Datasheet
530Kb / 7P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com