| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTMS4802N
|
116Kb / 5P |
Power MOSFET 30 V, 18 A, N?묬hannel, SO??
December, 2008 ??Rev. 0 |
|
NTMS4873NF
|
120Kb / 6P |
Power MOSFET 30 V, 11.5 A, N?묬hannel, SO??
January, 2009 ??Rev. 1 |
|
NTMS4920N
|
137Kb / 5P |
Power MOSFET 30 V, 17 A, N?묬hannel, SO??
September, 2009 ??Rev. 1 |
|
NTMS4935N
|
142Kb / 5P |
Power MOSFET 30 V, 16 A, N?묬hannel, SO??
September, 2009 ??Rev. 0 |
|
NTMS4939N
|
141Kb / 5P |
Power MOSFET 30 V, 12.5 A, N?묬hannel, SO??
September, 2009 ??Rev. 0 |
|
NTMS4801N
|
140Kb / 5P |
Power MOSFET 30 V, 12 A, N?묬hannel, SO??
April, 2009 ??Rev. 2 |
|
NTMS4872N
|
118Kb / 5P |
Power MOSFET 30 V, 10.2 A, N?묬hannel, SO??
January, 2009 ??Rev. 2 |
|
NTMD4N03R2G
|
126Kb / 8P |
Power MOSFET 4 A, 30 V, N?묬hannel SO?? Dual
August, 2013 ??Rev. 4 |
|
MMDF2P01HD
|
260Kb / 12P |
P?묬hannel SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX |
|
MMDF3N06HD
|
276Kb / 12P |
N?묬hannel SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX |