Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM55C36 Datasheet (PDF) - Diotech Company.

ZMM55C36 Datasheet PDF - Diotech Company.
Part # ZMM55C36
Download  ZMM55C36 Download
File Size   1429.29 Kbytes
Page   3 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description 500mW SUFACE MOUNT ZENER DIODE

ZMM55C36 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZMM55C36 Datasheet PDF - Diotech Company.

Part # ZMM55C36
Download  ZMM55C36 Click to download

File Size   1429.29 Kbytes
Page   3 Pages
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.
Description 500mW SUFACE MOUNT ZENER DIODE

ZMM55C36 Datasheet (HTML) - Diotech Company.


ZMM55C36 Product details

FEATURES
• Planar Die construction
• 500mW Power Dissipation
• Ideally Suited for Automated Assembly Processes
• Both normal and Pb free product are available :
    Normal : 80~95% Sn, 5~20% Pb
    Pb free: 98.5% Sn above




Similar Part No. - ZMM55C36

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZMM55C36 CYSTEKEC-ZMM55C36 Datasheet
132Kb / 3P
Surface Mount Zener Voltage Regulators
logo
Weitron Technology
ZMM55C36 WEITRON-ZMM55C36 Datasheet
332Kb / 4P
Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
ZMM55C36 SECOS-ZMM55C36 Datasheet
376Kb / 2P
Surface Mount Zener Dio de
logo
Yangzhou yangjie electr...
ZMM55C36 YANGJIE-ZMM55C36 Datasheet
191Kb / 5P
Zener Diodes
logo
Microdiode Semiconducto...
ZMM55C36 CHENDA-ZMM55C36 Datasheet
692Kb / 3P
ZENER DIODES
More results


Similar Description - ZMM55C36

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_1 Datasheet
99Kb / 4P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
logo
Diotech Company.
GLZ2 DIOTECH-GLZ2 Datasheet
1Mb / 4P
500mW SUFACE MOUNT ZENER DIODE
ZMM55-C2V4 DIOTECH-ZMM55-C2V4 Datasheet
1Mb / 3P
500mW SUFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_09 Datasheet
92Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 23 - 2
logo
Diotech Company.
ZMM5221B DIOTECH-ZMM5221B Datasheet
1Mb / 3P
500mW SUFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS31652 Rev. 4 - 2
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
Rev 27
logo
Won-Top Electronics
BZT52C12 WTE-BZT52C12 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
MMSZ4706 WTE-MMSZ4706 Datasheet
49Kb / 5P
500mW SURFACE MOUNT ZENER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com