Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16F84A Datasheet (PDF) - Microchip Technology

16F84A Datasheet PDF - Microchip Technology
Part # 16F84A
Download  16F84A Download
File Size   494.72 Kbytes
Page   68 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller

16F84A Datasheet (PDF)

Go To PDF Page Download Datasheet
16F84A Datasheet PDF - Microchip Technology

Part # 16F84A
Download  16F84A Click to download

File Size   494.72 Kbytes
Page   68 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller

16F84A Datasheet (HTML) - Microchip Technology


16F84A Product details

DEVICE OVERVIEW

This document contains device specific information for the operation of the PIC16F84A device. Additional information may be found in the PICmicro™ Mid Range Reference Manual, (DS33023), which may be downloaded from the Microchip website. The Refer ence Manual should be considered a complementary document to this data sheet, and is highly recom mended reading for a better understanding of the device architecture and operation of the peripheral modules.



High Performance RISC CPU Features:

• Only 35 single word instructions to learn

• All instructions single-cycle except for program branches which are two-cycle

• Operating speed: DC - 20 MHz clock input DC - 200 ns instruction cycle

• 1024 words of program memory

• 68 bytes of Data RAM

• 64 bytes of Data EEPROM

• 14-bit wide instruction words

• 8-bit wide data bytes

• 15 Special Function Hardware registers

• Eight-level deep hardware stack

• Direct, indirect and relative addressing modes

• Four interrupt sources:

  - External RB0/INT pin

  - TMR0 timer overflow

  - PORTB<7:4> interrupt-on-change

  - Data EEPROM write complete



Peripheral Features:

• 13 I/O pins with individual direction control

• High current sink/source for direct LED drive

  - 25 mA sink max. per pin

  - 25 mA source max. per pin

• TMR0: 8-bit timer/counter with 8-bit programmable prescaler



Special Microcontroller Features:

• 10,000 erase/write cycles Enhanced FLASH Program memory typical

• 10,000,000 typical erase/write cycles EEPROM Data memory typical

• EEPROM Data Retention > 40 years

• In-Circuit Serial Programming™ (ICSP™) - via two pins

• Power-on Reset (POR), Power-up Timer (PWRT), Oscillator Start-up Timer (OST)

• Watchdog Timer (WDT) with its own On-Chip RC Oscillator for reliable operation

• Code protection

• Power saving SLEEP mode

• Selectable oscillator options




Similar Part No. - 16F84A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
16F84A MICROCHIP-16F84A Datasheet
1Mb / 124P
18-pin Flash/EEPROM 8-Bit Microcontrollers
1998
More results


Similar Description - 16F84A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F8X MICROCHIP-PIC16F8X Datasheet
1Mb / 124P
18-pin Flash/EEPROM 8-Bit Microcontrollers
1998
35007B MICROCHIP-35007B Datasheet
1Mb / 88P
18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
2001
PIC16F8X MICROCHIP-PIC16F8X_99 Datasheet
1Mb / 124P
18-pin Flash/EEPROM 8-Bit Microcontrollers
1998 - 1999
PIC12F519 MICROCHIP-PIC12F519 Datasheet
1Mb / 88P
8-Pin, 8-Bit Flash Microcontroller
2007
PIC16F84A MICROCHIP-PIC16F84A_07 Datasheet
1Mb / 88P
18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
2001
PIC16F8X MICROCHIP-PIC16F8X_13 Datasheet
1Mb / 128P
18-pin Flash/EEPROM 8-Bit Microcontrollers
11/29/12 1996-2013
PIC16F84A MICROCHIP-PIC16F84A_13 Datasheet
1Mb / 90P
18-pin Enhanced FLASH/EEPROM 8-Bit Microcontroller
11/29/12 2001-2013
logo
Holtek Semiconductor In...
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
Enhanced Flash Type 8-Bit MCU with EEPROM
January 17, 2013
logo
Microchip Technology
PIC16F84A-04-P MICROCHIP-PIC16F84A-04-P Datasheet
1Mb / 90P
18-pin Enhanced FLASH/EEPROM 8-Bit Microcontroller
11/29/12
logo
Holtek Semiconductor In...
HT66F03C HOLTEK-HT66F03C Datasheet
1Mb / 142P
8-Pin Enhanced Flash Type 8-Bit MCU with EEPROM
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com