Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS3845GD14 Datasheet (PDF) - ON Semiconductor

CS3845GD14 Datasheet PDF - ON Semiconductor
Part # CS3845GD14
Download  CS3845GD14 Download
File Size   162.77 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Current Mode PWM Control Circuit

CS3845GD14 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS3845GD14 Datasheet PDF - ON Semiconductor

Part # CS3845GD14
Download  CS3845GD14 Click to download

File Size   162.77 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Current Mode PWM Control Circuit

CS3845GD14 Datasheet (HTML) - ON Semiconductor


CS3845GD14 Product details

Current Mode PWM  Control Circuit with  50% Max Duty Cycle

The CS3844/45 provides all the necessary features to implement off–line fixed frequency current–mode control with a minimum number of external components.
The CS3844 family incorporates a new precision temperature–controlled oscillator to minimize variations in frequency. An internal toggle flip–flop, which blanks the output every other clock cycle, limits the duty–cycle range to less than 50%. An undervoltage lockout ensures that VREF is stabilized before the output stage is enabled. In the CS2844/CS3844 turn on occurs at 16 V and turn off at 10 V. In the CS2845/CS3845 turn on is at 8.4 V and turn off at 7.6 V.

Features
• Optimized for Off–Line Control
• Temp. Compensated Oscillator
• 50% Max Duty–Cycle Clamp
• VREF Stabilized Before Output Stage Is Enabled
• Low Start–Up Current
• Pulse–By–Pulse Current Limiting
• Improved Undervoltage Lockout
• Double Pulse Suppression
• 1.0% Trimmed Bandgap Reference
• High Current Totem Pole Output




Similar Part No. - CS3845GD14

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3845GD14 CHERRY-CS3845GD14 Datasheet
156Kb / 6P
Current Mode PWM Control Circuit with 50% Max Duty Cycle
Rev. 3/17/99
More results


Similar Description - CS3845GD14

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7096 NTE-NTE7096 Datasheet
25Kb / 3P
Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
NTE7098 NTE-NTE7098 Datasheet
25Kb / 3P
Integrated Circuit Current Mode Pulse Width Modulator (PWM) Control Circuit
logo
Cherry Semiconductor Co...
CS2841B CHERRY-CS2841B Datasheet
162Kb / 6P
Automotive Current Mode PWM Control Circuit
Rev. 6/23/99
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
Rev. 6/23/99
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
Current Mode PWM Control Circuit
Rev. 12/23/97
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS2841B ONSEMI-CS2841B Datasheet
100Kb / 10P
Automotive Current Mode PWM Control Circuit
September, 2005 ??Rev. 7
CS3845B ONSEMI-CS3845B Datasheet
63Kb / 8P
Current Mode PWM Control Circuit
December, 2001 - Rev. 7
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
Current Mode PWM Control
December, 2001 - Rev. 3
CS3842B ONSEMI-CS3842B Datasheet
68Kb / 8P
Off-Line Current Mode PWM Control Circuit
December, 2001 - Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com