Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F62 Datasheet (PDF) - Microchip Technology

PIC16F62 Datasheet PDF - Microchip Technology
Part # PIC16F62
Download  PIC16F62 Download
File Size   1724.9 Kbytes
Page   160 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description FLASH-Based 8-Bit CMOS Microcontrollers

PIC16F62 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F62 Datasheet PDF - Microchip Technology

Part # PIC16F62
Download  PIC16F62 Click to download

File Size   1724.9 Kbytes
Page   160 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description FLASH-Based 8-Bit CMOS Microcontrollers

PIC16F62 Datasheet (HTML) - Microchip Technology


PIC16F62 Product details

Devices Included in this Data Sheet:
• PIC16F627
• PIC16F628
Referred to collectively as PIC16F62X

High Performance RISC CPU:
• Only 35 instructions to learn
• All single cycle instructions (200 ns), except for
   program branches which are two-cycle
• Operating speed:
   - DC - 20 MHz clock input
   - DC - 200 ns instruction cycle
• Interrupt capability
• 16 special function hardware registers
• 8-level deep hardware stack
• Direct, Indirect and Relative addressing modes

Peripheral Features:
• 16 I/O pins with individual direction control
• High current sink/source for direct LED drive
• Analog comparator module with:
   - Two analog comparators
   - Programmable on-chip voltage reference
      (VREF) module
   - Programmable input multiplexing from device
      inputs and internal voltage reference
   - Comparator outputs are externally accessible
• Timer0: 8-bit timer/counter with 8-bit
   programmable prescaler
• Timer1: 16-bit timer/counter with external crystal/
   clock capability
• Timer2: 8-bit timer/counter with 8-bit period
   register, prescaler and postscaler
• Capture, Compare, PWM (CCP) module
   - Capture is 16-bit, max. resolution is 12.5 ns
   - Compare is 16-bit, max. resolution is 200 ns
   - PWM max. resolution is 10-bit
• Universal Synchronous/Asynchronous Receiver/
   Transmitter USART/SCI
• 16 Bytes of common RAM (Continue ...)




Similar Part No. - PIC16F62

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F62 MICROCHIP-PIC16F62 Datasheet
3Mb / 168P
FLASH-Based 8-Bit CMOS Microcontrollers
2002
PIC16F627 MICROCHIP-PIC16F627 Datasheet
4Mb / 170P
FLASH-Based 8-Bit CMOS Microcontroller
12/05/02
logo
Matrix Technology Solut...
PIC16F627 MATRIX-PIC16F627 Datasheet
2Mb / 13P
This document concerns the EB006V9 E-blocks PICmicro multiprogrammer board (version 9).
logo
Microchip Technology
PIC16F627-04/P301 MICROCHIP-PIC16F627-04/P301 Datasheet
4Mb / 170P
FLASH-Based 8-Bit CMOS Microcontroller
2003
PIC16F627A MICROCHIP-PIC16F627A Datasheet
3Mb / 168P
FLASH-Based 8-Bit CMOS Microcontrollers
2002
More results


Similar Description - PIC16F62

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F627A MICROCHIP-PIC16F627A Datasheet
3Mb / 168P
FLASH-Based 8-Bit CMOS Microcontrollers
2002
PIC16F610 MICROCHIP-PIC16F610 Datasheet
2Mb / 180P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2007
PIC12F609 MICROCHIP-PIC12F609 Datasheet
2Mb / 168P
8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
2006
PIC12F609 MICROCHIP-PIC12F609_10 Datasheet
1Mb / 212P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC12F629 MICROCHIP-PIC12F629 Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC12F752 MICROCHIP-PIC12F752 Datasheet
1Mb / 204P
8-Pin Flash-Based 8-Bit CMOS Microcontrollers
2011
PIC12F752-I-SN MICROCHIP-PIC12F752-I-SN Datasheet
2Mb / 210P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
08/02/11
PIC12F675I-SN MICROCHIP-PIC12F675I-SN Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC16F676-I MICROCHIP-PIC16F676-I Datasheet
1Mb / 132P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC12F675-E MICROCHIP-PIC12F675-E Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com