Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4425 Datasheet (PDF) - Microchip Technology

TC4425 Datasheet PDF - Microchip Technology
Part # TC4425
Download  TC4425 Download
File Size   71.69 Kbytes
Page   9 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3A DUAL HIGH-SPEED POWER MOSFET DRIVERS

TC4425 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC4425 Datasheet PDF - Microchip Technology

Part # TC4425
Download  TC4425 Click to download

File Size   71.69 Kbytes
Page   9 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3A DUAL HIGH-SPEED POWER MOSFET DRIVERS

TC4425 Datasheet (HTML) - Microchip Technology


TC4425 Product details

GENERAL DESCRIPTION

The TC4423/4424/4425 are higher output current versions of the new TC4426/4427/4428 buffer/drivers, which, in

turn, are improved versions of the earlier TC426/427/428 series. All three families are pin-compatible. The TC4423/

4424/4425 drivers are capable of giving reliable service in far more demanding electrical environments than their antecedents.



FEATURES

■ High Peak Output Current .................................. 3A

■ Wide Operating Range .......................... 4.5V to 18V

■ High Capacitive Load

Drive Capability .......................... 1800pF in 25nsec

■ Short Delay Times ............................. <40nsec Typ.

■ Matched Rise/Fall Times

■ Low Supply Current

— With Logic "1" Input ................................. 3.5mA

— With Logic "0" Input ................................. 350µA

■ Low Output Impedance ............................ 3.5Ω Typ.

■ Latch-Up Protected ..Will Withstand 1.5A Reverse Current

■ Logic Input Will Withstand Negative Swing Up to 5V

■ ESD Protected .....................................................4kV

■ Pinouts Same as TC1426/27/28; TC4426/27/28




Similar Part No. - TC4425

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4425 TELCOM-TC4425 Datasheet
84Kb / 7P
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4425 MICROCHIP-TC4425 Datasheet
321Kb / 18P
3A Dual High-Speed Power MOSFET Drivers
2004
TC4425 MICROCHIP-TC4425 Datasheet
358Kb / 20P
3A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4425A MICROCHIP-TC4425A Datasheet
771Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
2007
TC4425A MICROCHIP-TC4425A Datasheet
697Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results


Similar Description - TC4425

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
3A Dual High-Speed Power MOSFET Drivers
2004
TC4423M MICROCHIP-TC4423M Datasheet
225Kb / 18P
3A Dual High-Speed Power MOSFET Drivers
2005
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
2007
logo
Unisonic Technologies
UTC4424 UTC-UTC4424 Datasheet
171Kb / 4P
3A Dual High-Speed Power MOSFET Drivers
logo
Microchip Technology
TC4423 MICROCHIP-TC4423_13 Datasheet
358Kb / 20P
3A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4424AVOA MICROCHIP-TC4424AVOA Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4425AVOA MICROCHIP-TC4425AVOA Datasheet
697Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOE MICROCHIP-TC4424AVOE Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com