Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VDB Datasheet (PDF) - Microchip Technology

VDB Datasheet PDF - Microchip Technology
Part # VDB
Download  VDB Download
File Size   448.83 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 800mA Fixed Output CMOS LDO

VDB Datasheet (PDF)

Go To PDF Page Download Datasheet
VDB Datasheet PDF - Microchip Technology

Part # VDB
Download  VDB Click to download

File Size   448.83 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 800mA Fixed Output CMOS LDO

VDB Datasheet (HTML) - Microchip Technology


VDB Product details

General Description

The TC1264 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated systems, the TC1264’s CMOS construction eliminates wasted ground current, significantly extending battery life. Total supply current is typically 80µA at full load (20 to 60 times lower than in bipolar regulators).



Features

• Very Low Dropout Voltage

• 800mA Output Current

• High Output Voltage Accuracy

• Standard or Custom Output Voltages

• Over Current and Over Temperature Protection



Applications

• Battery Operated Systems

• Portable Computers

• Medical Instruments

• Instrumentation

• Cellular/GSM/PHS Phones

• Linear Post-Regulators for SMPS

• Pagers





Similar Description - VDB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
500mA Fixed Output CMOS LDO
2002
logo
Analog Microelectronics
AME8847 AME-AME8847 Datasheet
169Kb / 12P
800mA CMOS LDO
logo
ELM Technology Corporat...
ELM85301HA-S ELM-TECH-ELM85301HA-S Datasheet
137Kb / 12P
CMOS 800mA LDO voltage regulator
logo
Unisonic Technologies
L1188 UTC-L1188 Datasheet
152Kb / 6P
800mA CMOS LDO
L1188 UTC-L1188_10 Datasheet
152Kb / 6P
800mA CMOS LDO
L1188 UTC-L1188_12 Datasheet
160Kb / 4P
800mA CMOS LDO
logo
Microchip Technology
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com