Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24C02S Datasheet (PDF) - Microchip Technology

24C02S Datasheet PDF - Microchip Technology
Part # 24C02S
Download  24C02S Download
File Size   84.13 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1K/2K 5.0V I2C Serial EEPROMs for Smart Cards

24C02S Datasheet (PDF)

Go To PDF Page Download Datasheet
24C02S Datasheet PDF - Microchip Technology

Part # 24C02S
Download  24C02S Click to download

File Size   84.13 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1K/2K 5.0V I2C Serial EEPROMs for Smart Cards

24C02S Datasheet (HTML) - Microchip Technology


24C02S Product details

DESCRIPTION
The Microchip Technology Inc. 24C01SC and 24C02SC are 1K-bit and 2K-bit Electrically Erasable PROMs with bondpad positions optimized for smart card applications. The devices are organized as a single block of 128 x 8-bit or 256 x 8-bit memory with a two-wire serial interface. The 24C01SC and 24C02SC also have page-write capability for up to 8 bytes of data.
   
FEATURES
• ISO Standard 7816 pad locations
• Low power CMOS technology
    - 1 mA active current typical
    - 10 µA standby current typical at 5.5V
• Organized as a single block of 128 bytes (128 x 8) or 256 bytes (256 x 8)
• Two-wire serial interface bus, I2C™ compatible
• 100 kHz and 400 kHz compatibility
• Self-timed write cycle (including auto-erase)
• Page-write buffer for up to 8 bytes
• 2 ms typical write cycle time for page-write
• ESD protection > 4 kV
• 1,000,000 E/W cycles guaranteed
• Data retention > 200 years
• Available for extended temperature ranges
    - Commercial (C): 0°C to +70°C
   




Similar Part No. - 24C02S

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C02SC MICROCHIP-24C02SC Datasheet
227Kb / 16P
1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
24C02SC-/S MICROCHIP-24C02SC-/S Datasheet
227Kb / 16P
1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
24C02SC-/S08 MICROCHIP-24C02SC-/S08 Datasheet
227Kb / 16P
1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
24C02SC-/W MICROCHIP-24C02SC-/W Datasheet
227Kb / 16P
1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
24C02SC-/W08 MICROCHIP-24C02SC-/W08 Datasheet
227Kb / 16P
1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
More results


Similar Description - 24C02S

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
24C01SC MICROCHIP-24C01SC_04 Datasheet
227Kb / 16P
1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
24C01C MICROCHIP-24C01C_07 Datasheet
385Kb / 24P
1K 5.0V I2C ??Serial EEPROM
2007
24C01B MICROCHIP-24C01B_04 Datasheet
110Kb / 10P
1K/2K 5.0V I2C??Serial EEPROM
2004
24C02C MICROCHIP-24C02C_07 Datasheet
394Kb / 24P
2K 5.0V I2C??Serial EEPROM
2007
24C01C MICROCHIP-24C01C_08 Datasheet
521Kb / 30P
1K 5.0V I2C??Serial EEPROM
2008
24C02C MICROCHIP-24C02C_08 Datasheet
523Kb / 30P
2K 5.0V I2C??Serial EEPROM
2008
24C01CSN MICROCHIP-24C01CSN Datasheet
978Kb / 36P
1K 5.0V I2C??Serial EEPROM
1997-2012
24C02C-ISN MICROCHIP-24C02C-ISN Datasheet
523Kb / 30P
2K 5.0V I2C??Serial EEPROM
2008
24C02CT MICROCHIP-24C02CT Datasheet
624Kb / 28P
2K 5.0V I2C Serial EEPROM
01/02/08
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com