Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2981 Datasheet (PDF) - Micrel Semiconductor

MIC2981 Datasheet PDF - Micrel Semiconductor
Part # MIC2981
Download  MIC2981 Download
File Size   31.56 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High-Voltage High-Current Source Driver Array Preliminary Information

MIC2981 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2981 Datasheet PDF - Micrel Semiconductor

Part # MIC2981
Download  MIC2981 Click to download

File Size   31.56 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High-Voltage High-Current Source Driver Array Preliminary Information

MIC2981 Datasheet (HTML) - Micrel Semiconductor


MIC2981 Product details

General

The MIC2981/82 is an 8-channel, high-voltage, high-current source driver array ideal for switching high-power loads from logic-level TTL, CMOS, or PMOS control signals.

These drivers can manage multiple loads of up to 50V and 500mA, limited only by package power dissipation.

Micrel’s MIC2981/82 features inputs compatible with 5V TTL and 5V to 15V CMOS or PMOS logic outputs. Micrel’s dual-marked device replaces either UDN2981 or UDN2982 devices.

The MIC2981/82 is available in the 18-pin plastic DIP and 18-lead wide SOP package. Both devices operate in the industrial temperature range.



Features

• Output voltage to 50V

• Output current to 500mA

• Transient-protected outputs

• Integral clamp diodes

• TTL, CMOS, or PMOS compatible inputs



Applications

• Relay and solenoid switching

• Stepping motor

• LED and incandescent displays



 




Similar Part No. - MIC2981

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2981 MICREL-MIC2981 Datasheet
444Kb / 4P
High-Voltage High-Current Source Driver Array
MIC2981BN MICREL-MIC2981BN Datasheet
444Kb / 4P
High-Voltage High-Current Source Driver Array
MIC2981BWM MICREL-MIC2981BWM Datasheet
444Kb / 4P
High-Voltage High-Current Source Driver Array
MIC2981 MICREL-MIC2981_05 Datasheet
444Kb / 4P
High-Voltage High-Current Source Driver Array
More results


Similar Description - MIC2981

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62706P-H TOSHIBA-TD62706P-H Datasheet
288Kb / 8P
6CH HIGH-VOLTAGE SOURCE-CURRENT DRIVER
TD62708N TOSHIBA-TD62708N Datasheet
309Kb / 8P
8CH HIGH CURRENT SOURCE DRIVER
TD62783AFN TOSHIBA-TD62783AFN Datasheet
230Kb / 7P
8CH HIGH-VOLTAGE HIGH SOURCE-CURRENT DRIVER
TD62786AFN TOSHIBA-TD62786AFN Datasheet
210Kb / 6P
8CH HIGH-VOLTAGE SOURCE-CURRENT DRIVER
logo
Sanyo Semicon Device
LB1745 SANYO-LB1745 Datasheet
52Kb / 2P
Octal High-Voltage,Current-Source Output Driver
logo
Allegro MicroSystems
2944 ALLEGRO-2944 Datasheet
195Kb / 8P
QUAD HIGH-CURRENT, HIGH-VOLTAGE SOURCE DRIVER
logo
Micrel Semiconductor
MIC2544 MICREL-MIC2544 Datasheet
470Kb / 12P
Programmable Current Limit High-Side Switch Preliminary Information
MIC5018 MICREL-MIC5018 Datasheet
58Kb / 7P
IttyBitty??High-Side MOSFET Driver Preliminary Information
logo
Toshiba Semiconductor
TD62783AFNG TOSHIBA-TD62783AFNG Datasheet
331Kb / 10P
8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
logo
Micrel Semiconductor
MIC2981 MICREL-MIC2981_05 Datasheet
444Kb / 4P
High-Voltage High-Current Source Driver Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com