Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6141 Datasheet (PDF) - Maxim Integrated Products

MAX6141 Datasheet PDF - Maxim Integrated Products
Part # MAX6141
Download  MAX6141 Download
File Size   84.14 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References

MAX6141 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6141 Datasheet PDF - Maxim Integrated Products

Part # MAX6141
Download  MAX6141 Click to download

File Size   84.14 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References

MAX6141 Datasheet (HTML) - Maxim Integrated Products


MAX6141 Product details

General Description
The MAX6125/MAX6141/MAX6145/MAX6150/MAX6160 low-dropout, micropower, three-terminal voltage references offer 2.5V, 4.096V, 4.5V, 5.0V, and adjustable (1.23V to 12.4V) output voltages, respectively. Low, 200mV dropout makes these devices ideal for 3V and 5V systems. Unlike two-terminal references that waste battery current and require an external resistor, the MAX61xx family’s supply current is virtually independent of input voltage variations, which translates to longer battery life.

Features
♦ 3-Pin SOT23 Package (MAX6125/41/45/50)
   4-Pin SOT143 Package (MAX6160)
♦ Low, 200mV Dropout Voltage
♦ 75µA Supply Current, Independent of Input Voltage
♦ 15ppm/°C Typical Tempco (50ppm/°C max)
♦ Stable for All Capacitive Loads up to 10nF
♦ Adjustable Output Voltage from 1.23V to (VIN - 0.2V) (MAX6160)
♦ Optimized for 3V/5V Operation

Applications
3V/5V Systems
Battery-Powered Systems
Portable and Hand-Held Equipment
Data-Acquisition Systems
Instrumentation and Process Control




Similar Part No. - MAX6141

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6141 MAXIM-MAX6141 Datasheet
2Mb / 12P
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
MAX6141ESA MAXIM-MAX6141ESA Datasheet
2Mb / 12P
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
MAX6141EUR-T MAXIM-MAX6141EUR-T Datasheet
2Mb / 12P
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
More results


Similar Description - MAX6141

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6001 MAXIM-MAX6001 Datasheet
195Kb / 12P
Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 1; 4/99
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
MAX6101 MAXIM-MAX6101 Datasheet
260Kb / 12P
Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6100 MAXIM-MAX6100 Datasheet
326Kb / 14P
Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
Precision Micropower, Low Dropout Voltage References
1/03-Data Sheet changed from REV. D to REV. E.
REF19X AD-REF19X Datasheet
649Kb / 28P
Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Maxim Integrated Produc...
MAX6025 MAXIM-MAX6025 Datasheet
274Kb / 14P
Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
MAX6125 MAXIM-MAX6125_V01 Datasheet
2Mb / 12P
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com