Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3785 Datasheet (PDF) - Maxim Integrated Products

MAX3785 Datasheet PDF - Maxim Integrated Products
Part # MAX3785
Download  MAX3785 Download
File Size   461.62 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 6.25Gbps, 1.8V PC Board Equalizer

MAX3785 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3785 Datasheet PDF - Maxim Integrated Products

Part # MAX3785
Download  MAX3785 Click to download

File Size   461.62 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 6.25Gbps, 1.8V PC Board Equalizer

MAX3785 Datasheet (HTML) - Maxim Integrated Products


MAX3785 Product details

General Description
The MAX3785 6.25Gbps equalizer operates from a single 1.8V supply and compensates for transmission medium losses encountered with FR-4 transmission lines. Optimized for low-voltage, high-density, DC-coupled interconnections between the line card and switch card, the MAX3785 enables a system upgrade path while maintaining a legacy rate of 2.5Gbps to 3.125Gbps. Roughly the size of two 0603 passive components, the MAX3785 easily provides placement and routing flexibility.

Features
♦ Single 1.8V Supply
♦ Very Low Power, 60mW
♦ Spans 30in with FR-4 at 6.25Gbps
♦ Operates from 1.0Gbps to 6.4Gbps
♦ Coding Independent, 8b/10b or Scrambled
♦ DC-Coupled CML Inputs and Outputs
♦ Small 1.5mm × 1.5mm Footprint

Applications
    HSBI for ≤ 6.4Gbps
    Double IEEE 802.3ae XAUI
    Double STM-16/OC-48




Similar Part No. - MAX3785

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3785 MAXIM-MAX3785 Datasheet
364Kb / 8P
6.25Gbps, 1.8V PC Board Equalizer
Rev 4; 10/08
MAX3785ITT MAXIM-MAX3785ITT Datasheet
364Kb / 8P
6.25Gbps, 1.8V PC Board Equalizer
Rev 4; 10/08
MAX3785ITT+ MAXIM-MAX3785ITT+ Datasheet
364Kb / 8P
6.25Gbps, 1.8V PC Board Equalizer
Rev 4; 10/08
MAX3785UBL MAXIM-MAX3785UBL Datasheet
364Kb / 8P
6.25Gbps, 1.8V PC Board Equalizer
Rev 4; 10/08
MAX3785UTT MAXIM-MAX3785UTT Datasheet
364Kb / 8P
6.25Gbps, 1.8V PC Board Equalizer
Rev 4; 10/08
More results


Similar Description - MAX3785

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK6201EA TI-TLK6201EA Datasheet
905Kb / 19P
6.25-Gbps Cable and PC Board Equalizer
TLK4201EA TI-TLK4201EA Datasheet
736Kb / 17P
4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK1101E TI-TLK1101E Datasheet
1Mb / 28P
11.3-Gbps Cable and PC Board Equalizer
logo
Maxim Integrated Produc...
MAX3785 MAXIM-MAX3785_08 Datasheet
364Kb / 8P
6.25Gbps, 1.8V PC Board Equalizer
Rev 4; 10/08
logo
Texas Instruments
TLK1102E TI-TLK1102E Datasheet
1Mb / 31P
11.3-Gbps Dual-Channel Cable and PC Board Equalizer
TLK1101E TI-TLK1101E_10 Datasheet
1Mb / 28P
11.3-Gbps Cable and PC Board Equalizer
TLK6201EA TI-TLK6201EA_10 Datasheet
867Kb / 19P
6.25-Gbps Cable and PC Board Equalizer
SN75LVCP600 TI1-SN75LVCP600 Datasheet
1Mb / 24P
6.0 Gbps SATA PC Board and Cable Equalizer
TLK4211EA TI1-TLK4211EA Datasheet
1Mb / 17P
4.25 Gbps Cable and PC Board Equalizer
logo
ON Semiconductor
NB7VQ1006M ONSEMI-NB7VQ1006M_16 Datasheet
1Mb / 11P
1.8V/2.5V 10Gbps Equalizer Receiver
August, 2016 ??Rev. 3
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com