Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX243C Datasheet (PDF) - Maxim Integrated Products

MAX243C Datasheet PDF - Maxim Integrated Products
Part # MAX243C
Download  MAX243C Download
File Size   395.78 Kbytes
Page   36 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V-Powered, Multichannel RS-232 Drivers/Receivers

MAX243C Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX243C Datasheet PDF - Maxim Integrated Products

Part # MAX243C
Download  MAX243C Click to download

File Size   395.78 Kbytes
Page   36 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V-Powered, Multichannel RS-232 Drivers/Receivers

MAX243C Datasheet (HTML) - Maxim Integrated Products


MAX243C Product details

General Description
The MAX220–MAX249 family of line drivers/receivers is intended for all EIA/TIA-232E and V.28/V.24 communications interfaces, particularly applications where ±12V is not available.
These parts are especially useful in battery-powered systems, since their low-power shutdown mode reduces power dissipation to less than 5µW. The MAX225, MAX233, MAX235, and MAX245/MAX246/MAX247 use no external components and are recommended for applications where printed circuit board space is critical.

Next-Generation Device Features
♦ For Low-Voltage, Integrated ESD Applications
   MAX3222E/MAX3232E/MAX3237E/MAX3241E/
   MAX3246E: +3.0V to +5.5V, Low-Power, Up to
   1Mbps, True RS-232 Transceivers Using Four
   0.1µF External Capacitors (MAX3246E Available
   in a UCSP™ Package)
♦ For Low-Cost Applications
   MAX221E: ±15kV ESD-Protected, +5V, 1µA,
   Single RS-232 Transceiver with AutoShutdown™
  
Applications
  Portable Computers
  Low-Power Modems
  Interface Translation
  Battery-Powered RS-232 Systems
  Multidrop RS-232 Networks




Similar Part No. - MAX243C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX243C/D MAXIM-MAX243C/D Datasheet
377Kb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX243CPE+ MAXIM-MAX243CPE+ Datasheet
377Kb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX243CSE+ MAXIM-MAX243CSE+ Datasheet
377Kb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX243CWE+ MAXIM-MAX243CWE+ Datasheet
377Kb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
More results


Similar Description - MAX243C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX250 MAXIM-MAX250 Datasheet
416Kb / 12P
5V Powered Isolated RS-232 Drivers/Receivers
19-2002; Rev 0; 1989
MAX220 MAXIM-MAX220_10 Datasheet
377Kb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232-ACWE MAXIM-MAX232-ACWE Datasheet
1Mb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232AESE-T MAXIM-MAX232AESE-T Datasheet
1Mb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232CSE-T MAXIM-MAX232CSE-T Datasheet
1Mb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX233AEWP-TG36 MAXIM-MAX233AEWP-TG36 Datasheet
1Mb / 38P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX249CQHTD MAXIM-MAX249CQHTD Datasheet
676Kb / 38P
MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220 MAXIM-MAX220_15 Datasheet
408Kb / 39P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 17; 1/15
MAX250 MAXIM-MAX250_14 Datasheet
8Mb / 13P
5V Powered Isolates RS-232 Drivers/Receivers
Rev 1; 7/89
MAX220 MAXIM-MAX220_V01 Datasheet
2Mb / 39P
5V-Powered, Multichannel RS-232 Drivers/Receivers
19-4323; Rev 18; 5/19
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com