| Manufacturer | Part # | Datasheet | Description |
 STMicroelectronics |
ST3222E
|
198Kb / 10P |
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
Mar-2003 |
|
ST3232E
|
426Kb / 16P |
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
April 2003 |
|
ST3384E
|
227Kb / 11P |
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 TRANSCEIVER
July 2003 |
 Maxim Integrated Produc... |
MAX3222E
|
299Kb / 20P |
짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 3a; 1/00 |
|
MAX338
|
182Kb / 12P |
짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1437; Rev 1; 10/99 |
 STMicroelectronics |
8785
|
317Kb / 13P |
짹15KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
Jan-2003 |
 Intersil Corporation |
ISL83220E
|
194Kb / 10P |
짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006 |
|
ISL3232E
|
281Kb / 14P |
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
May 13, 2010 |
 Maxim Integrated Produc... |
MAX3238CAI-T
|
207Kb / 12P |
3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02 |
|
MAX3222E
|
2Mb / 22P |
짹15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
19-1298; Rev 13; 12/18 |