Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M30622MA-569FP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M30622MA-569FP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M30622MA-569FP
Download  M30622MA-569FP Download
File Size   3567.12 Kbytes
Page   276 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER

M30622MA-569FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M30622MA-569FP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M30622MA-569FP
Download  M30622MA-569FP Click to download

File Size   3567.12 Kbytes
Page   276 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER

M30622MA-569FP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M30622MA-569FP Product details

Description
The M16C/62 group of single-chip microcomputers are built using the high-performance silicon gate CMOS process using a M16C/60 Series CPU core and are packaged in a 100-pin plastic molded QFP. These single-chip microcomputers operate using sophisticated instructions featuring a high level of instruction efficiency. With 1M bytes of address space, they are capable of executing instructions at high speed. They also feature a built-in multiplier and DMAC, making them ideal for controlling office, communications, industrial equipment, and other high-speed processing applications.
The M16C/62 group includes a wide range of products with different internal memory types and sizes and various package types.

Features
• Memory capacity..................................ROM (See Figure 1.1.4. ROM Expansion)
                                                                RAM 3K to 20K bytes
• Shortest instruction execution time ......
   62.5ns (f(XIN)=16MHZ, VCC=5V)
   100ns (f(XIN)=10MHZ, VCC=3V, with software one-wait) :
       Mask ROM, flash memory 5V version
   142.9ns (f(XIN)=7MHZ, VCC=3V, with software one-wait) :
      One-time PROM version
• Supply voltage .....................................4.2 to 5.5V (f(XIN)=16MHZ, without software wait) :
                                                                   Mask ROM, flash memory 5V version
                                                                4.5 to 5.5V (f(XIN)=16MHZ, without software wait) :
                                                                   One-time PROM version
                                                                2.7 to 5.5V (f(XIN)=10MHZ with software one-wait) : 
                                                                   Mask ROM, flash memory 5V version
                                                                2.7 to 5.5V (f(XIN)=7MHZ with software one-wait) :
                                                                One-time PROM version
• Low power consumption ......................25.5mW ( f(XIN)=10MHZ, with 
                                                                software one-wait, VCC = 3V)
• Interrupts..............................................25 internal and 8 external interrupt sources,
                                                                4 software interrupt sources; 7 levels
                                                                (including key input interrupt)
• Multifunction 16-bit timer......................5 output timers + 6 input timers
• Serial I/O ..............................................5 channels (3 for UART or clock synchronous, 
                                                                2 for clock synchronous)
• DMAC ..................................................2 channels (trigger: 24 sources)
• A-D converter.......................................10 bits X 8 channels (Expandable up to 10 channels)
• D-A converter.......................................8 bits X 2 channels
• CRC calculation circuit.........................1 circuit
• Watchdog timer....................................1 line
• Programmable I/O ...............................87 lines
• Input port............................................. 1 line (P85 shared with NMI pin)
• Memory expansion ..............................Available (to 1.2M bytes or 4M bytes)
• Chip select output ................................4 lines
• Clock generating circuit .......................2 built-in clock generation circuits
            (built-in feedback resistor, and external ceramic or quartz oscillator)

Applications
   Audio, cameras, office equipment, communications equipment, portable equipment




Similar Part No. - M30622MA-569FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30622MA-569FP MITSUBISHI-M30622MA-569FP Datasheet
3Mb / 274P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30622MA-569FP MITSUBISHI-M30622MA-569FP Datasheet
1Mb / 184P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Similar Description - M30622MA-569FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30622M6P RENESAS-M30622M6P Datasheet
831Kb / 87P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M30620MCN MITSUBISHI-M30620MCN Datasheet
3Mb / 246P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
R8C-16 RENESAS-R8C-16 Datasheet
623Kb / 38P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62A RENESAS-M16C62A Datasheet
3Mb / 242P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62N RENESAS-M16C62N Datasheet
3Mb / 213P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37702M2AXXXFP RENESAS-M37702M2AXXXFP Datasheet
751Kb / 60P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com