| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
2SC5994-TD-E
|
327Kb / 7P |
Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013 |
|
2SD1623T-TD-E
|
368Kb / 8P |
Bipolar Transistor (??50V, (??2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013 |
|
2SA1708S-AN
|
632Kb / 5P |
Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
September, 2013 |
|
2SA2012-TD-E
|
81Kb / 5P |
Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
December, 2013 |
|
2SA2124
|
321Kb / 7P |
Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single PCP
September, 2013 |
|
2SA2125
|
325Kb / 1P |
Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single PCP
November, 2013 |
|
2SA2153
|
325Kb / 6P |
Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single PCP
September, 2013 |
|
2SA2202
|
87Kb / 4P |
Bipolar Transistor -100V, -2A, Low VCE(sat) PNP Single PCP
January, 2014 |
|
2SB1122
|
81Kb / 4P |
Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Single PCP
December, 2013 |
|
2SB1123
|
368Kb / 8P |
Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013 |