Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55B8V2 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

BZX55B8V2 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # BZX55B8V2
Download  BZX55B8V2 Download
File Size   228.59 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 2% Tolerance Zener Diode

BZX55B8V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX55B8V2 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # BZX55B8V2
Download  BZX55B8V2 Click to download

File Size   228.59 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 2% Tolerance Zener Diode

BZX55B8V2 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd




Similar Part No. - BZX55B8V2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55B8V2 VISHAY-BZX55B8V2 Datasheet
69Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
BZX55B8V2 VISHAY-BZX55B8V2 Datasheet
137Kb / 8P
Small Signal Zener Diodes
05-Jul-07
logo
Taiwan Semiconductor Co...
BZX55B8V2 TSC-BZX55B8V2 Datasheet
126Kb / 3P
500mW, 2% Tolerance SMD Zener Diode
logo
EIC discrete Semiconduc...
BZX55B8V2 EIC-BZX55B8V2 Datasheet
41Kb / 2P
SILICON ZENER DIODES
logo
Vishay Siliconix
BZX55B8V2 VISHAY-BZX55B8V2 Datasheet
103Kb / 7P
Small Signal Zener Diodes
25-Nov-11
More results


Similar Description - BZX55B8V2

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
200mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
500mW, 2% Tolerance SMD Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
500mW,2% Tolerance Zener Diode
BZT52B2V4-G TSC-BZT52B2V4-G Datasheet
199Kb / 6P
2% Zener Voltage Tolerance Zener Diode
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
200mW, 2% Tolerance SMD Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
500mW, 2% Tolerance Zener Diode
BZX584B4V7 TSC-BZX584B4V7 Datasheet
247Kb / 6P
2% Zener Voltage Tolerance SMD Zener Diode
BZX585B2V4 TSC-BZX585B2V4 Datasheet
230Kb / 6P
Zener Diode, 2% Tolerance
BZY55B2V4 TSC-BZY55B2V4_14 Datasheet
241Kb / 5P
2% Tolerance SMD Zener Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com