Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB1151 Datasheet (PDF) - KEC(Korea Electronics)

KB1151 Datasheet PDF - KEC(Korea Electronics)
Part # KB1151
Download  KB1151 Download
File Size   383.05 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT)

KB1151 Datasheet (PDF)

Go To PDF Page Download Datasheet
KB1151 Datasheet PDF - KEC(Korea Electronics)

Part # KB1151
Download  KB1151 Click to download

File Size   383.05 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR (LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT)

KB1151 Datasheet (HTML) - KEC(Korea Electronics)


KB1151 Product details

LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT

FEATURES
• High Power Dissipation : Pc = 1.5 W (Ta = 25 °C)
• Complementary to KTD1691




Similar Part No. - KB1151

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
KB1 JAE-KB1 Datasheet
729Kb / 7P
High-Current Connectors for Solar Panel Module
KB1-12-PC-1500 JAE-KB1-12-PC-1500 Datasheet
729Kb / 7P
High-Current Connectors for Solar Panel Module
KB1-12-PC-1500 JAE-KB1-12-PC-1500 Datasheet
132Kb / 3P
High-Current connector, for Solar Panel Module, 25 A max, Pin Contact
KB1-12-PC2-2000 JAE-KB1-12-PC2-2000 Datasheet
729Kb / 7P
High-Current Connectors for Solar Panel Module
KB1-12-PC2-2000 JAE-KB1-12-PC2-2000 Datasheet
128Kb / 3P
High-Current connector, for Solar Panel Module, 10 A max, Pin Contact
More results


Similar Description - KB1151

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSB1151 SAMSUNG-KSB1151 Datasheet
160Kb / 5P
PNP (LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT)
logo
Fairchild Semiconductor
KSB1151 FAIRCHILD-KSB1151 Datasheet
50Kb / 5P
Low Collector-Emitter Saturation Voltage Large Collector Current
logo
KEC(Korea Electronics)
KTA1385D KEC-KTA1385D Datasheet
400Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT)
KTC5103D KEC-KTC5103D Datasheet
400Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT)
KTD1691 KEC-KTD1691 Datasheet
396Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT)
logo
Unisonic Technologies
2SB1151 UTC-2SB1151 Datasheet
114Kb / 4P
LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
2SD1691 UTC-2SD1691 Datasheet
102Kb / 3P
LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
2SB1151 UTC-2SB1151_10 Datasheet
229Kb / 4P
LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
2SD1691 UTC-2SD1691_10 Datasheet
250Kb / 4P
LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
logo
Fairchild Semiconductor
KSD1691GS FAIRCHILD-KSD1691GS Datasheet
52Kb / 5P
Low Collector-Emtter Saturation Voltage & Large Collector Current
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com