Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN3118 Datasheet (PDF) - STMicroelectronics

AN3118 Datasheet PDF - STMicroelectronics
Part # AN3118
Download  AN3118 Download
File Size   1202.26 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 250 W transition-mode PFC pre-regulator with the new L6563H

AN3118 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN3118 Datasheet PDF - STMicroelectronics

Part # AN3118
Download  AN3118 Click to download

File Size   1202.26 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 250 W transition-mode PFC pre-regulator with the new L6563H

AN3118 Datasheet (HTML) - STMicroelectronics


AN3118 Product details

Introduction
This application note describes a demonstration board based on the new L6563H transition mode PFC controller and presents the results of its bench evaluation.The board implements an 250 W, wide-range mains input PFC pre-conditioner suitable for desktop PCs, high power adapters, flat screen displays, and all SMPS having to meet the IEC61000-3-2 or the JEITA-MITI regulation.

The L6563H is a new current-mode PFC controller operating in transition mode (TM) and implementing an internal high voltage startup circuitry.

Main characteristics and circuit description
The main characteristics of the SMPS are listed below:
● Line voltage range: 90 to 265 Vac
● Line frequency (fL): 47 to 63 Hz
● Regulated output voltage: 400 V
● Rated output power: 250 W
● Maximum 2fL output voltage ripple: 22 V pk-pk
● Hold-up time: 10 ms (VDROP after hold-up time: 300 V)
● Minimum switching frequency: 46 kHz
● Minimum estimated efficiency: 93 % (@ Vin=90 Vac, Pout=250 W)
● Maximum ambient temperature: 50 °C
● PCB type and size: single side, 35 µm, CEM-1, 88 x 116 mm




Similar Part No. - AN3118

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN311 SILABS-AN311 Datasheet
118Kb / 4P
CP2120 PORTING GUIDE
logo
STMicroelectronics
AN3110 STMICROELECTRONICS-AN3110 Datasheet
276Kb / 10P
Using the STVM100 to automatically adjust VCOM voltage in e-paper
07-Jan-2010
AN3111 STMICROELECTRONICS-AN3111 Datasheet
803Kb / 23P
18 W single-stage offline LED driver
08-Feb-2011
AN3112 STMICROELECTRONICS-AN3112 Datasheet
727Kb / 36P
Solution for designing a fixed off-time controlled PFC pre-regulator
09-Feb-2011
AN3114 STMICROELECTRONICS-AN3114 Datasheet
717Kb / 43P
This application note describes techniques for connecting
08-Nov-2012
More results


Similar Description - AN3118

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVL6564H-100W STMICROELECTRONICS-EVL6564H-100W Datasheet
106Kb / 4P
100 W transition-mode PFC pre-regulator demonstration board based on the L6564H
16-Apr-2012
AN2755 STMICROELECTRONICS-AN2755 Datasheet
710Kb / 24P
400 W FOT-controlled PFC pre-regulator with the L6562A
30-Jul-2008
AN2485 STMICROELECTRONICS-AN2485 Datasheet
735Kb / 29P
400 W FOT-controlled PFC pre-regulator with the L6563
22-Mar-2007
AN2994 STMICROELECTRONICS-AN2994 Datasheet
2Mb / 38P
400 W FOT-controlled PFC pre-regulator with the L6563S
30-Nov-2010
AN3009 STMICROELECTRONICS-AN3009 Datasheet
552Kb / 36P
How to design a transition mode PFC pre-regulator using the L6564
09-Feb-2011
AN3027 STMICROELECTRONICS-AN3027 Datasheet
895Kb / 41P
How to design a transition-mode PFC pre-regulator
09-Feb-2011
AN3063 STMICROELECTRONICS-AN3063 Datasheet
1Mb / 33P
100 W transition-mode PFC pre-regulator with the L6563H
06-Sep-2010
AN3065 STMICROELECTRONICS-AN3065 Datasheet
1Mb / 33P
100 W transition-mode PFC pre-regulator with the L6563S
06-Sep-2010
AN3119 STMICROELECTRONICS-AN3119 Datasheet
2Mb / 32P
250 W transition-mode PFC pre-regulator with the new L6563S
24-Nov-2010
AN4077 STMICROELECTRONICS-AN4077 Datasheet
1Mb / 33P
100 W transition-mode PFC pre-regulator with the new L6564H
05-Sep-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com