Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU1117CS Datasheet (PDF) - International Rectifier

IRU1117CS Datasheet PDF - International Rectifier
Part # IRU1117CS
Download  IRU1117CS Download
File Size   68.97 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR

IRU1117CS Datasheet (PDF)

Go To PDF Page Download Datasheet
IRU1117CS Datasheet PDF - International Rectifier

Part # IRU1117CS
Download  IRU1117CS Click to download

File Size   68.97 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR

IRU1117CS Datasheet (HTML) - International Rectifier


IRU1117CS Product details

DESCRIPTION

The IRU1117 is a low dropout, three-terminal adjustable regulator with minimum of 800mA output current capability. This product is specifically designed to provide well regulated supply for low voltage IC applications such as high speed bus termination and low current 3.3V logic supply. The IRU1117 is also well suited for other applications such as VGA and sound cards. The IRU1117 is guaranteed to have <1.2V dropout at full load current making it ideal to provide well regulated outputs of 2.5V to 3.6V with 4.75V to 7V input supply.



FEATURES

■ Guaranteed < 1.2V Dropout at 800mA Load Current

■ Fast Transient Response

■ 1% Voltage Reference Initial Accuracy

■ Built-In Thermal Shutdown

■ Available in SOT-223, D-Pak, Ultra Thin-Pak™ and 8-Pin SOIC Surface-Mount Packages



APPLICATIONS

■ VGA & Sound Card Applications

■ Low Voltage High Speed Termination Applications

■ Standard 3.3V Chip Set and Logic Applications



 




Similar Part No. - IRU1117CS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1117-18 IRF-IRU1117-18 Datasheet
75Kb / 4P
800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CD IRF-IRU1117-18CD Datasheet
115Kb / 8P
800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CP IRF-IRU1117-18CP Datasheet
115Kb / 8P
800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CS IRF-IRU1117-18CS Datasheet
115Kb / 8P
800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CSPBF IRF-IRU1117-18CSPBF Datasheet
115Kb / 8P
800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
More results


Similar Description - IRU1117CS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117 Datasheet
111Kb / 7P
800mA Low Dropout Positive Adjustable Regulator
AIC1732 AIC-AIC1732 Datasheet
98Kb / 6P
800mA Low Dropout Positive Adjustable Regulator
logo
Vishay Siliconix
74802 VISHAY-74802 Datasheet
81Kb / 6P
800mA Low Dropout Positive Adjustable Regulator
20-Feb-02
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
800mA Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B Datasheet
152Kb / 6P
800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
800mA Low Dropout Positive Voltage Regulator
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
800mA Adjustable Low-Dropout Linear Regulator
logo
Taiwan Semiconductor Co...
TS1117S TSC-TS1117S Datasheet
362Kb / 6P
800mA Low Dropout Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117_15 Datasheet
260Kb / 12P
800mA Low Dropout Positive Regulator
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com