![]() |
Electronic Components Datasheet Search |
|
IRG4RC10U Datasheet (PDF) - International Rectifier |
IRG4RC10U Datasheet (HTML) - International Rectifier |
IRG4RC10U Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | IRG4RC10U |
Download | IRG4RC10U Click to view |
File Size | 131.31 Kbytes |
Page | 8 Pages |
Maker | IRF [International Rectifier] |
Homepage | http://www.irf.com |
Logo | |
Description | INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A) |
Related Electronics Part Number |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |