Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7413 Datasheet (PDF) - International Rectifier

7413 Datasheet PDF - International Rectifier
Part # 7413
Download  7413 Download
File Size   123.19 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=30V, Id=12A)

7413 Datasheet (PDF)

Go To PDF Page Download Datasheet
7413 Datasheet PDF - International Rectifier

Part # 7413
Download  7413 Click to download

File Size   123.19 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=30V, Id=12A)

7413 Datasheet (HTML) - International Rectifier


7413 Product details

SMPS MOSFET

Benefits
• Low Gate to Drain Charge to Reduce
   Switching Losses
• Fully Characterized Capacitance Including
   Effective COSS to Simplify Design, (See
   App. Note AN1001)
• Fully Characterized Avalanche Voltage
   and Current

Applications
• High frequency DC-DC converters




Similar Part No. - 7413

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74130 ETC2-74130 Datasheet
452Kb / 2P
Phillips Bits
74131 ETC2-74131 Datasheet
452Kb / 2P
Phillips Bits
logo
National Semiconductor ...
74132 NSC-74132 Datasheet
98Kb / 4P
DM54132/DM74132 Quad 2-Input NAND Gates with Schmitt Trigger Inputs
logo
List of Unclassifed Man...
74132PC ETC1-74132PC Datasheet
1Mb / 29P
CYFROWE UKLADY SCALONE TTL
74133 ETC2-74133 Datasheet
452Kb / 2P
Phillips Bits
More results


Similar Description - 7413

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRF7460 IRF-IRF7460 Datasheet
121Kb / 8P
Power MOSFET(Vdss=20V, Id=12A)
IRF7466 IRF-IRF7466 Datasheet
233Kb / 8P
Power MOSFET(Vdss=30V, Id=11A)
IRF9Z24N IRF-IRF9Z24N Datasheet
109Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRF9Z24NS IRF-IRF9Z24NS Datasheet
168Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRFP9240 IRF-IRFP9240 Datasheet
166Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-12A)
IRFR1111 IRF-IRFR1111 Datasheet
112Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=0.031ohm, Id=33A??
IRL2203S IRF-IRL2203S Datasheet
173Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.007ohm, Id=100A??
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRLI2203G IRF-IRLI2203G Datasheet
328Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.010ohm, Id=52A??
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com