Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHRP3060 Datasheet (PDF) - Intersil Corporation

RHRP3060 Datasheet PDF - Intersil Corporation
Part # RHRP3060
Download  RHRP3060 Download
File Size   46.46 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 30A, 400V - 600V Hyperfast Diodes

RHRP3060 Datasheet (PDF)

Go To PDF Page Download Datasheet
RHRP3060 Datasheet PDF - Intersil Corporation

Part # RHRP3060
Download  RHRP3060 Click to download

File Size   46.46 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 30A, 400V - 600V Hyperfast Diodes

RHRP3060 Datasheet (HTML) - Intersil Corporation


RHRP3060 Product details

The RHRP3040 and RHRP3060 are hyperfast diodes with soft recovery characteristics (trr < 40ns). They have half the recovery time of ultrafast diodes and are of silicon nitride passivated ion-implanted epitaxial planar construction.
These devices are intended for use as freewheeling/clamping diodes and rectifiers in a variety of switching power supplies and other power switching applications. Their low stored charge and hyperfast soft recovery minimize ringing and electrical noise in many power switching circuits, thus reducing power loss in the switching transistors.

Features
• Hyperfast with Soft Recovery . . . . . . . . . . . . . . . . . . <40ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175°C
• Reverse Voltage Up To. . . . . . . . . . . . . . . . . . . . . . . .600V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RHRP3060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRP3060 FAIRCHILD-RHRP3060 Datasheet
341Kb / 5P
30A, 400V - 600V Hyperfast Diodes
RHRP3060 FAIRCHILD-RHRP3060 Datasheet
669Kb / 5P
30A, 600V Hyperfast Diodes
logo
Thinki Semiconductor Co...
RHRP3060 THINKISEMI-RHRP3060 Datasheet
1Mb / 3P
30.0 Ampere SwitchMode Single Fast Recovery Epitaxial Diode
logo
Inchange Semiconductor ...
RHRP3060 ISC-RHRP3060 Datasheet
225Kb / 2P
Ultra fast Rectifier
logo
Thinki Semiconductor Co...
RHRP3060U THINKISEMI-RHRP3060U Datasheet
1Mb / 3P
30.0 Ampere SwitchMode Ultrafast Recovery Epitaxial Diode
More results


Similar Description - RHRP3060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRD440 FAIRCHILD-RHRD440 Datasheet
353Kb / 5P
4A, 400V - 600V Hyperfast Diodes
RHRG3040 FAIRCHILD-RHRG3040 Datasheet
342Kb / 5P
30A, 400V - 600V Hyperfast Diodes
RHRG3040CC FAIRCHILD-RHRG3040CC Datasheet
339Kb / 5P
30A, 400V - 600V Hyperfast Dual Diodes
RHRP3040 FAIRCHILD-RHRP3040 Datasheet
341Kb / 5P
30A, 400V - 600V Hyperfast Diodes
RHRP840 FAIRCHILD-RHRP840 Datasheet
365Kb / 5P
8A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRG3040 INTERSIL-RHRG3040 Datasheet
46Kb / 4P
30A, 400V - 600V Hyperfast Diodes
January 2000
RHRG3040CC INTERSIL-RHRG3040CC Datasheet
47Kb / 4P
30A, 400V - 600V Hyperfast Dual Diodes
January 2000
RHRP840 INTERSIL-RHRP840 Datasheet
49Kb / 4P
8A, 400V - 600V Hyperfast Diodes
January 2000
logo
Fairchild Semiconductor
RHRP3060 FAIRCHILD-RHRP3060_05 Datasheet
669Kb / 5P
30A, 600V Hyperfast Diodes
RHRP1560 FAIRCHILD-RHRP1560 Datasheet
357Kb / 5P
15A, 400V - 600V Hyperfast Diodes
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com