Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6291 Datasheet (PDF) - Intersil Corporation

ISL6291 Datasheet PDF - Intersil Corporation
Part # ISL6291
Download  ISL6291 Download
File Size   357.69 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Li-ion/Li Polymer Linear Battery Charger

ISL6291 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6291 Datasheet PDF - Intersil Corporation

Part # ISL6291
Download  ISL6291 Click to download

File Size   357.69 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Li-ion/Li Polymer Linear Battery Charger

ISL6291 Datasheet (HTML) - Intersil Corporation


ISL6291 Product details

Li-ion/Li Polymer Linear Battery Charger

The ISL6291 provides a low-cost integrated charger solution for single-cell Li-ion and Li Polymer rechargeable batteries. No external pass element, current sensing resistor, or reverse blocking diode is required with this solution.



Features

• Integrated Linear Pass Element

• Integrated Charge Current Sensor

• No External Reverse Blocking Diode Required

• 1% Voltage Accuracy

• Programmable Current Limit Up to 2.0A

• Programmable End-of-Charge Current

• Trickle Charge an Over Discharged Battery

• Charge Current Thermal Foldback

• Simple Interface for Low-Cost Thermistor

• Accepts USB Bus Power

• Ambient Temperature Range: -20°C to 70°C

• Thermally-Enhanced 5x5 QFN Package (θJA = 33°C/W)

• Pb-Free Available (RoHS Compliant)



Applications

• Handheld Devices

• Cell Phones

• PDAs

• Stand-Alone Chargers

• USB Bus-Powered Chargers



 




Similar Part No. - ISL6291

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6291 RENESAS-ISL6291 Datasheet
548Kb / 11P
Li-ion/Li Polymer Linear Battery Charger
ISL6291-1CR RENESAS-ISL6291-1CR Datasheet
548Kb / 11P
Li-ion/Li Polymer Linear Battery Charger
ISL6291-1CRZ RENESAS-ISL6291-1CRZ Datasheet
548Kb / 11P
Li-ion/Li Polymer Linear Battery Charger
ISL6291-2CR RENESAS-ISL6291-2CR Datasheet
548Kb / 11P
Li-ion/Li Polymer Linear Battery Charger
ISL6291-2CRTR5155 RENESAS-ISL6291-2CRTR5155 Datasheet
548Kb / 11P
Li-ion/Li Polymer Linear Battery Charger
More results


Similar Description - ISL6291

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
Li-ion/Li Polymer Battery Charger
July 25, 2005
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
Li-ion/Li Polymer Battery Charger
July 22, 2005
logo
Skyworks Solutions Inc.
AAT3682 SKYWORKS-AAT3682_12 Datasheet
1Mb / 18P
Li-Ion/Polymer Linear Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
Li-ion/Li Polymer Battery Charger
ISL6291 RENESAS-ISL6291 Datasheet
548Kb / 11P
Li-ion/Li Polymer Linear Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
LI-ION/LI POLYMER BATTERY CHARGER
August 2019
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
Li-ion/Li Polymer Battery Charger
Nov.3.20
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com