Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG409 Datasheet (PDF) - Intersil Corporation

DG409 Datasheet PDF - Intersil Corporation
Part # DG409
Download  DG409 Download
File Size   327.22 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers

DG409 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG409 Datasheet PDF - Intersil Corporation

Part # DG409
Download  DG409 Click to download

File Size   327.22 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers

DG409 Datasheet (HTML) - Intersil Corporation


DG409 Product details

The DG408 Single 8-Channel, and DG409 Differential 4-Channel monolithic CMOS analog multiplexers are drop-in replacements for the popular DG508A and DG509A series devices. They each include an array of eight analog switches, a TTL/CMOS compatible digital decode circuit for

channel selection, a voltage reference for logic thresholds and an ENABLE input for device selection when several multiplexers are present.



Features

• ON Resistance (Max, 25°C) . . . . . . . . . . . . . . . . . . .  100Ω

• Low Power Consumption (PD)  . . . . . . . . . . . . . . .<11mW

• Fast Switching Action

-tTRANS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <250ns

-tON/OFF(EN). . . . . . . . . . . . . . . . . . . . . . . . . . . . <150ns

• Low Charge Injection

• Upgrade from DG508A/DG509A

• TTL, CMOS Compatible

• Single or Split Supply Operation

• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - DG409

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG409 INTERSIL-DG409 Datasheet
606Kb / 17P
Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 13, 2006
logo
Vishay Siliconix
DG409 VISHAY-DG409 Datasheet
157Kb / 12P
8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
11-Jun-07
logo
Maxim Integrated Produc...
DG409 MAXIM-DG409 Datasheet
152Kb / 12P
Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
Rev 4; 9/08
logo
Vishay Siliconix
DG409 VISHAY-DG409 Datasheet
241Kb / 18P
8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
16-May-11
logo
Intersil Corporation
DG409 INTERSIL-DG409 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
More results


Similar Description - DG409

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG406883 INTERSIL-DG406883 Datasheet
826Kb / 13P
Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
June 1994
logo
Texas Instruments
HI-509A TI-HI-509A Datasheet
1Mb / 10P
Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 13, 2006
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A_08 Datasheet
521Kb / 17P
Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
logo
Texas Instruments
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Renesas Technology Corp
DG408 RENESAS-DG408 Datasheet
658Kb / 17P
Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Jun 13, 2006
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com