Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4514 Datasheet (PDF) - Intersil Corporation

CD4514 Datasheet PDF - Intersil Corporation
Part # CD4514
Download  CD4514 Download
File Size   92.13 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 4-Bit Latch/4-to-16 Line Decoders

CD4514 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4514 Datasheet PDF - Intersil Corporation

Part # CD4514
Download  CD4514 Click to download

File Size   92.13 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 4-Bit Latch/4-to-16 Line Decoders

CD4514 Datasheet (HTML) - Intersil Corporation


CD4514 Product details

Description

CD4514BMS and CD4515BMS consist of a 4-bit strobed latch and a 4-to-16-line decoder. The latches hold the last input data presented prior to the strobe transition from 1 to 0. Inhibit control allows all outputs to be placed at 0(CD4514BMS) or 1(CD4515BMS) regardless of the state of the data or strobe inputs.

The decode truth table indicates all combinations of data inputs and appropriate selected outputs.

These devices are similar to industry types MC14514 and MC14515.



Features

• High-Voltage Types (20-Volt Rating)

• CD4514BMS Output “High” on Select

• CD4515BMS Output “Low” on Select

• Strobed Input Latch

• Inhibit Control

• 100% Tested for Quiescent Current at 20V

• Maximum Input Current of 1µA at 18V Over Full Pack age Temperature Range; 100nA at 18V and 25oC

• Noise Margin (Full Package-Temperature Range):

- 1V at VDD = 5V

- 2V at VDD = 10V

- 2.5V at VDD = 15V

• 5V, 10V, and 15V Parametric Ratings

• Standardized, Symmetrical Output Characteristics

• Meets all Requirements of JEDEC Tentative Standard No. 13B, "Standard Specifications for Description of

‘B’ Series CMOS Devices"



Applications

• Digital Multiplexing

• Address Decoding

• Hexadecimal/BCD Decoding

• Program-counter Decoding

• Control Decoder




Similar Part No. - CD4514

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4514 TI-CD4514 Datasheet
222Kb / 12P
CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
Fairchild Semiconductor
CD4514 FAIRCHILD-CD4514 Datasheet
84Kb / 8P
4-Bit Latched/4-to-16 Line Decoders
logo
SYC Electronica
CD4514-15 SYC-CD4514-15 Datasheet
121Kb / 8P
4-Bit Latched/4-to-16 Line Decoders
logo
Texas Instruments
CD4514B TI-CD4514B Datasheet
222Kb / 12P
CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
CD4514B TI1-CD4514B Datasheet
995Kb / 15P
CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
More results


Similar Description - CD4514

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4514B TI-CD4514B Datasheet
222Kb / 12P
CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC Datasheet
84Kb / 8P
4-Bit Latched/4-to-16 Line Decoders
logo
Hitachi Semiconductor
HD74AC4514 HITACHI-HD74AC4514 Datasheet
48Kb / 8P
4-bit Latch/4-to-16-Line Decoder
logo
National Semiconductor ...
CD4514BM NSC-CD4514BM Datasheet
135Kb / 6P
4-Bit Latched/4-to-16 Line Decoders
logo
List of Unclassifed Man...
SCL4515B ETC1-SCL4515B Datasheet
2Mb / 3P
CMOS 4-TO-16 LINE DECODERS WITH LATCH
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC_04 Datasheet
235Kb / 8P
4-Bit Latched/4-to-16 Line Decoders
logo
Intersil Corporation
CD4514BMS INTERSIL-CD4514BMS_06 Datasheet
340Kb / 9P
CMOS 4-Bit Latch/4-to-16 Line Decoders
July 14, 2006
logo
Texas Instruments
CD4514BM96G4 TI1-CD4514BM96G4 Datasheet
995Kb / 15P
CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
CD4514BM96G4 TI-CD4514BM96G4 Datasheet
978Kb / 15P
CMOS 4-Bit Latch 4-to-16 Line Decoders
CD4514B TI1-CD4514B_16 Datasheet
1Mb / 15P
Cmos 4-Bit Latch/4-to-16 Line Decoders
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com