Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4094 Datasheet (PDF) - Intersil Corporation

CD4094 Datasheet PDF - Intersil Corporation
Part # CD4094
Download  CD4094 Download
File Size   87.8 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 8-Stage Shift-and-Store Bus Register

CD4094 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4094 Datasheet PDF - Intersil Corporation

Part # CD4094
Download  CD4094 Click to download

File Size   87.8 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 8-Stage Shift-and-Store Bus Register

CD4094 Datasheet (HTML) - Intersil Corporation


CD4094 Product details

Description

CD4094BMS is a 8-stage serial shift register having a storage latch associated with each stage for strobing data from the serial input to parallel buffered 3-state outputs. The parallel outputs

may be connected directly to common bus lines. Data is shifted on positive clock transitions. The data in each shift register stage is transferred to the storage register when the STROBE input is

high. Data in the storage register appears at the outputs when ever the OUTPUT-ENABLE signal is high.



Features

• High Voltage Type (20V Rating)

• 3-State Parallel Outputs for Connection to Common Bus

• Separate Serial Outputs Synchronous to Both Positive and Negative Clock Edges for Cascading

• Medium Speed Operation - 5MHz at 10V (typ)

• Standardized Symmetrical Output Characteristics

• 100% Tested for Quiescent Current at 20V

• Maximum Input Current of 1µA at 18V Over Full Package Temperature Range; 100nA at 18V and +25oC

• Noise Margin (Over Full Package/Temperature Range)

  - 1V at VDD = 5V

  - 2V at VDD = 10V

  - 2.5V at VDD = 15V

• 5V, 10V and 15V Parametric Ratings

• Meets All Requirements of JEDEC Tentative Standard No. 13B, “Standard Specifications for Description of ‘B’ Series CMOS Devices”



Applications

• Serial-to-Parallel Data Conversion

• Remote Control Holding Register

• Dual-Rank Shift, Hold, and Bus Applications



 




Similar Part No. - CD4094

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4094 TI-CD4094 Datasheet
281Kb / 5P
CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
Fairchild Semiconductor
CD4094 FAIRCHILD-CD4094 Datasheet
68Kb / 7P
8-Bit Shift Register/Latch with 3-STATE Outputs
logo
SYC Electronica
CD4094 SYC-CD4094 Datasheet
130Kb / 11P
CMOS 8-Stage Shift-and-Store Bus Register
logo
Texas Instruments
CD4094B TI-CD4094B Datasheet
281Kb / 5P
CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
CD4094B TI1-CD4094B Datasheet
1Mb / 14P
CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
More results


Similar Description - CD4094

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
8-stage shift-and-store bus register
December 1990
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
8-stage shift-and-store bus register
January 1995
logo
Texas Instruments
CD4094B TI-CD4094B Datasheet
281Kb / 5P
CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Texas Instruments
CD4094B TI1-CD4094B Datasheet
1Mb / 14P
CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
CD4094BF3A TI-CD4094BF3A Datasheet
1Mb / 14P
CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
NXP Semiconductors
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
8-stage shift-and-store bus register
Rev. 6-31 December 2012
logo
Texas Instruments
CD4094B TI1-CD4094B_15 Datasheet
1Mb / 14P
CMOS 8-Stage Shift-and-Store Bus Register
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
8-stage shift-and-store bus register
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com