Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4077 Datasheet (PDF) - Intersil Corporation

CD4077 Datasheet PDF - Intersil Corporation
Part # CD4077
Download  CD4077 Download
File Size   72.64 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Quad Exclusive OR and Exclusive NOR Gates

CD4077 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4077 Datasheet PDF - Intersil Corporation

Part # CD4077
Download  CD4077 Click to download

File Size   72.64 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Quad Exclusive OR and Exclusive NOR Gates

CD4077 Datasheet (HTML) - Intersil Corporation


CD4077 Product details

Description

CD4070BMS contains four independent Exclusive OR gates. The CD4077BMS contains four independent Exclusive NOR gates. The CD4070BMS and CD4077BMS provide the system designer with a means for direct implementation of the Exclusive OR and Exclusive NOR functions, respectively.



Features

• High Voltage Types (20V Rating)

• CD4070BMS - Quad Exclusive OR Gate

• CD4077BMS - Quad Exclusive NOR Gate

• Medium Speed Operation

- tPHL, tPLH = 65ns (Typ.) at VDD = 10V, CL = 50pF

• 5V, 10V and 15V Parametric Ratings

• Standardized, Symmetrical Output Characteristics

• 100% Tested for Quiescent Current at 20V

• Maximum Input Current of 1µA at 18V Over Full Package Temperature Range; 100nA at 18V and +25°C

• Noise Margin (Over Full Package/Temperature Range)

- 1V at VDD = 5V

- 2V at VDD = 10V

- 2.5V at VDD = 15V




Similar Part No. - CD4077

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4077 NSC-CD4077 Datasheet
121Kb / 6P
Quad 2-Input EXCLUSIVE-OR, NOR Gate
logo
Texas Instruments
CD4077 TI-CD4077 Datasheet
68Kb / 8P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4077B TI-CD4077B Datasheet
68Kb / 8P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Harris Corporation
CD4077B HARRIS-CD4077B Datasheet
60Kb / 7P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Texas Instruments
CD4077B TI-CD4077B Datasheet
1Mb / 30P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
More results


Similar Description - CD4077

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4070B TI-CD4070B Datasheet
68Kb / 8P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
SN54S135 TI-SN54S135 Datasheet
64Kb / 3P
QUADRUPLE EXCLUSIVE-OR/NOR GATES
logo
LG Semicon Co.,Ltd.
GD74HCT266 LG-GD74HCT266 Datasheet
201Kb / 4P
QUAD 2-INPUT EXCLUSIVE NOR GATES
logo
ON Semiconductor
MC14070B ONSEMI-MC14070B_06 Datasheet
134Kb / 7P
CMOS SSI Quad Exclusive OR and NOR Gates
October, 2006 ??Rev. 7
logo
Harris Corporation
CD4070B HARRIS-CD4070B Datasheet
60Kb / 7P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Renesas Technology Corp
HD74HC7266P RENESAS-HD74HC7266P Datasheet
83Kb / 7P
Quad. 2-input Exclusive-NOR Gates
logo
Texas Instruments
CD4070B TI1-CD4070B Datasheet
1Mb / 30P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4070BM96G4 TI-CD4070BM96G4 Datasheet
1Mb / 30P
CMOS Quad Exclusive-OR and Exclusive-NOR Gate
SN54S135 TI1-SN54S135_14 Datasheet
256Kb / 8P
QUADRUPLE EXCLUSIVE- OR/NOR GATES
logo
Renesas Technology Corp
CD4070BMS RENESAS-CD4070BMS Datasheet
336Kb / 8P
CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com