Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4014 Datasheet (PDF) - Intersil Corporation

CD4014 Datasheet PDF - Intersil Corporation
Part # CD4014
Download  CD4014 Download
File Size   81.23 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10 Line to 4 Line BCD Priority Encoder

CD4014 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4014 Datasheet PDF - Intersil Corporation

Part # CD4014
Download  CD4014 Click to download

File Size   81.23 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10 Line to 4 Line BCD Priority Encoder

CD4014 Datasheet (HTML) - Intersil Corporation


CD4014 Product details

Description
CD40147BMS CMOS encoder features priority encoding of the inputs to ensure that only the highest order data line is encoded. Ten data input lines (0-9) are encoded to four line (8,4, 2, 1) BCD. The highest priority line is line 9. All four output lines are logic 1 (VSS) when all input lines are logic 0. All inputs and outputs are buffered, and each output can drive one TTL low power Schottky load. The CD40147BMS is func tionally similar to the TTL 54/74147 if pin 15 is tied low.

Features
• High Voltage Type (20V Rating)
• Encodes 10 Line to 4 Line BCD
• Active Low Inputs and Outputs
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Maximum Input Current of 1µA at 18V Over Full Pack age Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range) - 1V at VDD = 5V - 2V at VDD = 10V - 2.5V at VDD = 15V
• Standardized Symmetrical Output Characteristics
• Meets All Requirements of JEDEC Tentative Standard No. 13B, “Standard Specifications for Description of ‘B’ Series CMOS Devices”

Applications
• Keyboard Encoding
• 10 Line to BCD Encoding
• Range Selection




Similar Part No. - CD4014

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4014 TI-CD4014 Datasheet
436Kb / 10P
10-LINE TO 4-LINE BCD PRIORITY ENCODER
logo
Fairchild Semiconductor
CD4014 FAIRCHILD-CD4014 Datasheet
67Kb / 7P
8-Stage Static Shift Register
logo
National Semiconductor ...
CD4014 NSC-CD4014 Datasheet
142Kb / 6P
8-Stage Static Shift Register
logo
Texas Instruments
CD40147B TI-CD40147B Datasheet
436Kb / 10P
10-LINE TO 4-LINE BCD PRIORITY ENCODER
CD40147B TI2-CD40147B Datasheet
398Kb / 8P
null10-Line to 4-Line BCD Priority Encoder
23-May-2025
More results


Similar Description - CD4014

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC147 PHILIPS-74HC147 Datasheet
120Kb / 23P
10-to-4 line priority encoder
2003 Oct 30
logo
STMicroelectronics
HCC40147B STMICROELECTRONICS-HCC40147B Datasheet
275Kb / 12P
10 TO 4 LINE BCD PRIORITY ENCODER
Apr-1991
M54HC147 STMICROELECTRONICS-M54HC147 Datasheet
241Kb / 10P
10 TO 4 LINE PRIORITY ENCODER
Oct-1992
logo
Texas Instruments
CD40147B TI-CD40147B Datasheet
436Kb / 10P
10-LINE TO 4-LINE BCD PRIORITY ENCODER
logo
Hitachi Semiconductor
HD74HC147 HITACHI-HD74HC147 Datasheet
43Kb / 8P
10-to-4-line Priority Encoder
logo
Intersil Corporation
ACS147MS INTERSIL-ACS147MS Datasheet
39Kb / 2P
Radiation Hardened 10-to-4 Line Priority Encoder
July 1999
logo
National Semiconductor ...
MM54HC147 NSC-MM54HC147 Datasheet
108Kb / 4P
10-to-4 Line Priority Encoder
logo
NXP Semiconductors
74HC147N PHILIPS-74HC147N Datasheet
43Kb / 7P
10-TO-4 LINE PRIORITY ENCODER
December 1990
logo
National Semiconductor ...
MM54HCT147 NSC-MM54HCT147 Datasheet
105Kb / 4P
10-to-4 Line Priority Encoder
logo
Renesas Technology Corp
HD74HC147 RENESAS-HD74HC147 Datasheet
77Kb / 6P
10-to-4-line Priority Encoder
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com