Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3292A Datasheet (PDF) - Intersil Corporation

CA3292A Datasheet PDF - Intersil Corporation
Part # CA3292A
Download  CA3292A Download
File Size   91.85 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output

CA3292A Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3292A Datasheet PDF - Intersil Corporation

Part # CA3292A
Download  CA3292A Click to download

File Size   91.85 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output

CA3292A Datasheet (HTML) - Intersil Corporation


CA3292A Product details

Description

The CA3272A and CA3292A are Quad-Gated Inverting Power Drivers for interfacing low-level logic to inductive and resistive loads such as: relays, solenoids, AC and DC motors and resistive loads such as incandescent lamps and other power drivers. Each output is an open collector protected power transistor driver. The CA3292A is similar to the CA3272A, except for an added collector-to-base Zener diode that provides over-voltage clamping protection on each power switching output. The CA3292A block diagram is shown for one switching channel with fault detection logic plus the output fault driver circuit for all four switching channels. The FAULT output pin provides a flag output when a fault condition occurs. All four Output Power Driver stages are shown in the Block Diagrams.



Features

• Load Current Switching 600mA

• Suitable for Resistive or Inductive Loads

• Fault Mode Diagnostic Flag Output

• CA3292A Over-Voltage Zener Clamp

• Independent Over-Current Limiting

• Independent Over-Temperature Shutdown

• Temperature Shutdown Hysteresis

• 5V CMOS or TTL Input Logic

• High Dissipation Power-Frame Package

• Operating Temperature Range -40oC to 125oC



Applications

• Solenoids

• Relays

• Lamps

• Steppers

• Injectors

• Motors



System Applications

• Automotive

• Appliance

• Industrial Control

• Robotics



 




Similar Part No. - CA3292A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3290 INTERSIL-CA3290 Datasheet
347Kb / 8P
BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
September 1998
CA3290 INTERSIL-CA3290 Datasheet
497Kb / 10P
BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
January 2004
CA3290A INTERSIL-CA3290A Datasheet
347Kb / 8P
BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
September 1998
CA3290A INTERSIL-CA3290A Datasheet
497Kb / 10P
BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
January 2004
CA3290AE INTERSIL-CA3290AE Datasheet
347Kb / 8P
BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
September 1998
More results


Similar Description - CA3292A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
Quad Gated Non-Inverting Power Driver
March 1998
CA3262A INTERSIL-CA3262A Datasheet
72Kb / 9P
Quad-Gated, Inverting Power Drivers
August 1997
HIP0080 INTERSIL-HIP0080 Datasheet
115Kb / 15P
Quad Inverting Power Drivers with Serial Diagnostic Interface
September 1998
HIP0082 INTERSIL-HIP0082 Datasheet
90Kb / 12P
Quad Power Drivers with Serial Diagnostic Interface
May 1998
logo
Microsemi Corporation
SG1548 MICROSEMI-SG1548 Datasheet
52Kb / 4P
QUAD POWER FAULT MONITOR
logo
Intersil Corporation
HIP0080 INTERSIL-HIP0080_00 Datasheet
147Kb / 14P
Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
logo
Sanken electric
SPF5047 SANKEN-SPF5047 Datasheet
469Kb / 15P
Fault Flag Reporting
logo
Diodes Incorporated
AL8863 DIODES-AL8863 Datasheet
467Kb / 13P
60V BUCK LED CONTROLLER WITH FAULT FLAG
August 2019
logo
Renesas Technology Corp
HIP0080 RENESAS-HIP0080 Datasheet
750Kb / 14P
Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
HIP0082 RENESAS-HIP0082 Datasheet
1Mb / 11P
Quad Power Drivers with Serial Diagnostic Interface
Features
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com