Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D87C51 Datasheet (PDF) - Intel Corporation

D87C51 Datasheet PDF - Intel Corporation
Part # D87C51
Download  D87C51 Download
File Size   284.04 Kbytes
Page   21 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

D87C51 Datasheet (PDF)

Go To PDF Page Download Datasheet
D87C51 Datasheet PDF - Intel Corporation

Part # D87C51
Download  D87C51 Click to download

File Size   284.04 Kbytes
Page   21 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

D87C51 Datasheet (HTML) - Intel Corporation


D87C51 Product details

MEMORY ORGANIZATION

PROGRAM MEMORY: Up to 4 Kbytes of the program memory can reside on-chip (except 80C31BH). In addition the device can address up to 64K of program memory external to the chip.
DATA MEMORY: This microcontroller has a 128 x 8 on-chip RAM. In addition it can address up to 64 Kbytes of external data memory.
The Intel 87C51/80C51BH/80C31BH is a single-chip control-oriented microcontroller which is fabricated on Intel’s reliable CHMOS III-E technology. Being a member of the MCSÉ 51 controller family, the 87C51/80C51BH/80C31BH uses the same powerful instruction set, has the same architecture, and is pin-forpin compatible with the existing MCS 51 controller family of products.

■ High Performance CHMOS EPROM
■ 24 MHz Operation
■ Improved Quick-Pulse Programming Algorithm
■ 3-Level Program Memory Lock
■ Boolean Processor
■ 128-Byte Data RAM
■ 32 Programmable I/O Lines
■ Two 16-Bit Timer/Counters
■ Extended Temperature Range (b40§C to a85§C)
■ 5 Interrupt Sources
■ Programmable Serial Port
■ TTL- and CMOS-Compatible Logic Levels
■ 64K External Program Memory Space
■ 64K External Data Memory Space
■ ONCE Mode Facilitates System Testing
■ Power Control Modes
   — Idle
   — Power Down




Similar Part No. - D87C51

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
D87C51FA ROCHESTER-D87C51FA Datasheet
599Kb / 1P
POWERFUL MICROCONTROLLER from the MCS 51 controller family 44 pin LDCC
D87C51FA1 ROCHESTER-D87C51FA1 Datasheet
599Kb / 1P
POWERFUL MICROCONTROLLER from the MCS 51 controller family 44 pin LDCC
More results


Similar Description - D87C51

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com