Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1900 Datasheet (PDF) - NEC

UPA1900 Datasheet PDF - NEC
Part # UPA1900
Download  UPA1900 Download
File Size   61.25 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING

UPA1900 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA1900 Datasheet PDF - NEC

Part # UPA1900
Download  UPA1900 Click to download

File Size   61.25 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING

UPA1900 Datasheet (HTML) - NEC


UPA1900 Product details

DESCRIPTION
The µPA1900 is a switching device which can be driven directly by a 2.5 V power source.
The µPA1900 features a low on-state resistance and excellent switching characteristics, and is suitable for applications such as power switch of portable machine and so on.

FEATURES
• Can be driven by a 2.5 V power source
• Low on-state resistance
    RDS(on)1 = 35 mΩ MAX. (VGS = 4.5 V, ID = 3.0 A)
    RDS(on)2 = 38 mΩ MAX. (VGS = 4.0 V, ID = 3.0 A)
    RDS(on)3 = 45 mΩ MAX. (VGS = 2.5 V, ID = 3.0 A)




Similar Part No. - UPA1900

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1900 RENESAS-UPA1900 Datasheet
197Kb / 10P
MOS FIELD EFFECT TRANSISTOR
1999
UPA1900TE RENESAS-UPA1900TE Datasheet
197Kb / 10P
MOS FIELD EFFECT TRANSISTOR
1999
logo
VBsemi Electronics Co.,...
UPA1900TE VBSEMI-UPA1900TE Datasheet
481Kb / 9P
N-Channel 30 V (D-S) MOSFET
More results


Similar Description - UPA1900

ManufacturerPart #DatasheetDescription
logo
NEC
UPA620TT NEC-UPA620TT Datasheet
67Kb / 8P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA677TB NEC-UPA677TB Datasheet
58Kb / 6P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1806 NEC-UPA1806 Datasheet
64Kb / 6P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1874B NEC-UPA1874B Datasheet
145Kb / 7P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2451 NEC-UPA2451 Datasheet
108Kb / 8P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1870 NEC-UPA1870 Datasheet
82Kb / 8P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2450 NEC-UPA2450 Datasheet
75Kb / 8P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
N0301N RENESAS-N0301N Datasheet
261Kb / 8P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1900 RENESAS-PA1900_15 Datasheet
197Kb / 10P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3576 RENESAS-2SK3576_15 Datasheet
202Kb / 10P
N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com