Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

813L Datasheet (PDF) - IMP, Inc

813L Datasheet PDF - IMP, Inc
Part # 813L
Download  813L Download
File Size   167.33 Kbytes
Page   9 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description LOW-POWER 關P SUPERVISOR CIRCUITS

813L Datasheet (PDF)

Go To PDF Page Download Datasheet
813L Datasheet PDF - IMP, Inc

Part # 813L
Download  813L Click to download

File Size   167.33 Kbytes
Page   9 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description LOW-POWER 關P SUPERVISOR CIRCUITS

813L Datasheet (HTML) - IMP, Inc


813L Product details

– Watchdog timer

– Brownout detection

– Power supply monitor



The IMP705/706/707/708 and IMP813L CMOS supervisor circuits monitor power-supply and battery voltage level, and µP/µC operation. Compared to pin-compatible devices offered by Maxim Integrated Products, IMP devices feature 60 percent lower maximum supply current. The family offers several functional options. Each device generates a reset signal during power-up, power-down and during brownout conditions. A reset is generated when the supply drops below 4.65V (IMP705/707/813L) or 4.40V (IMP706/708). For 3V power supply applications





Key Features

◆ Improved replacements for the Maxim MAX705/6/7/8, MAX813L

– 140µA maximum supply current

– 60% improvement

◆ Precision power supply monitor

– 4.65V threshold (IMP705/707/813L)

– 4.40V threshold (IMP706/8)

◆ Debounced manual reset input

◆ Voltage monitor

– 1.25V threshold

– Battery monitor/Auxiliary supply monitor

◆ Watchdog timer (IMP705/706/813L)

◆ 200ms reset pulse width

◆ Active HIGH reset output (IMP707/708/813L)

◆ MicroSO package



Applications

◆ Computers and embedded controllers

◆ Battery-operated systems

◆ Intelligent instruments

◆ Wireless communication systems

◆ PDAs and handheld equipment

 




Similar Part No. - 813L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
813 LITTELFUSE-813 Datasheet
83Kb / 1P
PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
logo
Mill-Max Mfg. Corp.
813 MILL-MAX-813 Datasheet
2Mb / 11P
Mill-Max Spring-loaded Connectors Minimize Noise
logo
Littelfuse
813 LITTELFUSE-813 Datasheet
913Kb / 2P
Cartridge Fuse Holders Enclosed Fuseholders > Circuit Board Mounted
12/19/19
logo
Abbatron All Rights Res...
813 ABBATRON-813 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Copyright BG
813 BG-813 Datasheet
5Mb / 6P
SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
More results


Similar Description - 813L

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
IMP706P IMP-IMP706P Datasheet
229Kb / 8P
3/3.3/4.0V 關P SUPERVISOR CIRCUITS
logo
Alliance Semiconductor ...
ASM705 ALSC-ASM705 Datasheet
190Kb / 15P
Low Power UP Supervisor Circuits
AS705 ALSC-AS705 Datasheet
198Kb / 16P
Low Power uP Supervisor Circuits
logo
PulseCore Semiconductor
ASM690A PULSECORE-ASM690A Datasheet
348Kb / 15P
關P Power Supply Supervisor With Battery Backup Switch
ASM705 PULSECORE-ASM705 Datasheet
285Kb / 15P
Low Power 關P Supervisor Circuits
PCS809 PULSECORE-PCS809 Datasheet
521Kb / 8P
3-Pin 關P Voltage Supervisor
logo
Protek Devices
PA4101 PROTEC-PA4101 Datasheet
1Mb / 7P
PUNK with 關P Supervisor
logo
ON Semiconductor
ASM705 ONSEMI-ASM705 Datasheet
180Kb / 13P
Low Power P Supervisor Circuits
August, 2011 ??Rev. 3
logo
Diodes Incorporated
PT7M7803 DIODES-PT7M7803 Datasheet
1Mb / 15P
關P Supervisor Circuits
5/10/2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com