Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K142 Datasheet (PDF) - Integrated Circuit Systems

K142 Datasheet PDF - Integrated Circuit Systems
Part # K142
Download  K142 Download
File Size   43.54 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description OPL3/4Codec Portable Clock Source

K142 Datasheet (PDF)

Go To PDF Page Download Datasheet
K142 Datasheet PDF - Integrated Circuit Systems

Part # K142
Download  K142 Click to download

File Size   43.54 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description OPL3/4Codec Portable Clock Source

K142 Datasheet (HTML) - Integrated Circuit Systems


K142 Product details

Description
The MK1422 is the ideal way to generate clocks for sound in portable computers. It provides clocks for Analog Devices’ or Crystal Semiconductor’s stereo codecs, and Yamaha’s OPL3L, OPL3LS, and OPL4. The MK1422 uses either a 14.318 MHz crystal, or a 14.318 MHz bus clock input to synthesize the clocks required to drive the codec, and the 33.868 MHz required for the FM or wavetable music synthesizer. It includes a power down pin to save power without using a FET. In an 8 pin SOIC, the MK1422 can save component count, board space, and cost over surface mount crystals, and increase reliability by eliminating three mechanical devices from the board.

Features
• Packaged in 8 pin SOIC
• Input crystal or clock frequency of 14.318 MHz
• Output clock frequencies of 16.934 MHz, 24.576 MHz, and 33.868 MHz
• 25mA drive capability at TTL levels
• Advanced, low power CMOS process
• Low jitter ensures full 16 bit S/N ratio
• Insensitive to input clock duty cycle
• Power down for portable computers




Similar Part No. - K142

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
K142 SANYO-K142 Datasheet
88Kb / 3P
Very High-Speed Switching Applications
K1420 SANYO-K1420 Datasheet
106Kb / 4P
Ultrahigh-Speed Switching Applications
logo
List of Unclassifed Man...
K14201 ETC-K14201 Datasheet
3Mb / 5P
boxes and ancillary products
K14202 ETC-K14202 Datasheet
3Mb / 5P
boxes and ancillary products
K14206 ETC-K14206 Datasheet
3Mb / 5P
boxes and ancillary products
More results


Similar Description - K142

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1418 ICST-MK1418 Datasheet
29Kb / 4P
OPL3, OPL4 Codec Clock Source
Revision 013098
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
ADSL Clock Source
Revision 091201
ICS650-07B ICST-ICS650-07B Datasheet
44Kb / 4P
Broadcom Clock Source
Revision 042600
logo
Integrated Device Techn...
ACS522D01 IDT-ACS522D01 Datasheet
1Mb / 72P
PORTABLE CONSUMER CODEC
ACS422MX00 IDT-ACS422MX00 Datasheet
1Mb / 90P
PORTABLE CONSUMER CODEC
ACS422MX68 IDT-ACS422MX68 Datasheet
1Mb / 87P
PORTABLE CONSUMER CODEC
ACS422X67 IDT-ACS422X67 Datasheet
1Mb / 87P
PORTABLE CONSUMER CODEC
ACS42200 IDT-ACS42200 Datasheet
1Mb / 89P
PORTABLE CONSUMER CODEC
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
AUDIO CLOCK SOURCE
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com