Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPT48RE3 Datasheet (PDF) - Microsemi Corporation

UPT48RE3 Datasheet PDF - Microsemi Corporation
Part # UPT48RE3
Download  UPT48RE3 Download
File Size   225.87 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS

UPT48RE3 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPT48RE3 Datasheet PDF - Microsemi Corporation

Part # UPT48RE3
Download  UPT48RE3 Click to download

File Size   225.87 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS

UPT48RE3 Datasheet (HTML) - Microsemi Corporation


UPT48RE3 Product details

DESCRIPTION
Microsemi’s unique Powermite UPT series of transient voltage suppressors feature oxide-passivated chips with high-temperature solder bonds for high surge capability and negligible electrical degradation under repeated surge conditions. Both unidirectional and bidirectional configurations are available. In addition to its size advantages, the Powermite package includes a fully metallic bottom (cathode) side that eliminates the possibility of solder flux entrapment at assembly and a unique locking tab serves as an integral heat sink. Its innovative design makes this device fully compatible for use with automatic insertion equipment.

FEATURES
• Powermite package with standoff voltages 5 to 48 V.
• Both unidirectional and bidirectional polarities:
   -Anode to case bottom (UPT5e3 thru UPT48e3)
   -Cathode to case bottom (UPT5Re3 thru UPT48Re3)
   -Bidirectional (UPTB5e3 thru UPTB48e3)
• Clamping time less than 100 pico-seconds for unidirectional and 5 nano-seconds for bidirectional.
• 100% surge current testing of all parts.
• Moisture classification is Level 1 with no dry pack required per IPC/JEDEC J-STD-020B.
• RoHS compliant versions available.

APPLICATIONS / BENEFITS
• Protects sensitive components such as IC’s, CMOS, Bipolar, BiCMOS, ECL, DTL, T2L, etc.
• Protection from switching and induced RF transients.
• New improved lower leakage current for the UPT5Re3:
   -Integral heat sink / locking tabs
   -Fully metallic bottom side eliminates flux entrapment
• Compliant to IEC61000-4-2 and IEC61000-4-4 for ESD and EFT protection respectively.
• Secondary lightning protection per IEC61000-4-5 with 42 Ohms source impedance:
   Class 1: UPT5//UPT5R/UPTB8 to17
   Class 2: UPT5//UPT5R/UPTB5 to12




Similar Part No. - UPT48RE3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPT48RE3 MICROSEMI-UPT48RE3 Datasheet
264Kb / 5P
5V-48V Small Footprint, Surface Mount Transient Voltage Suppressors
logo
Micro Commercial Compon...
UPT48RE3 MCC-UPT48RE3 Datasheet
225Kb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results


Similar Description - UPT48RE3

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
SMAJ GWSEMI-SMAJ Datasheet
384Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Unisonic Technologies
SMBJXXXXX UTC-SMBJXXXXX Datasheet
232Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMDJXXX UTC-SMDJXXX Datasheet
204Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4SMA DGNJDZ-P4SMA Datasheet
100Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P6SMB DGNJDZ-P6SMB Datasheet
99Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ DGNJDZ-SMBJ Datasheet
290Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ DGNJDZ-SMCJ Datasheet
268Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com