Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMS90L52 Datasheet (PDF) - Hynix Semiconductor

GMS90L52 Datasheet PDF - Hynix Semiconductor
Part # GMS90L52
Download  GMS90L52 Download
File Size   846.64 Kbytes
Page   59 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS

GMS90L52 Datasheet (PDF)

Go To PDF Page Download Datasheet
GMS90L52 Datasheet PDF - Hynix Semiconductor

Part # GMS90L52
Download  GMS90L52 Click to download

File Size   846.64 Kbytes
Page   59 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS

GMS90L52 Datasheet (HTML) - Hynix Semiconductor


GMS90L52 Product details

GMS90C31/51, 97C51 GMS90L31/51, 97L51 (Low voltage versions)

• Fully compatible to standard MCS-51 microcontroller
• Wide operating frequency up to 40MHz (for more detail, see “GMS90 Series Selection Guide”)
• 4K × 8 (EP)ROM
• 128 × 8 RAM
• 64K external program memory space
• 64K external data memory space
• Four 8-bit ports
• Two 16-bit Timers / Counters
• USART
• Five interrupt sources, two priority levels
• Power saving Idle and power down mode
• Quick pulse programming algorithm (in the OTP devices)
• 2-level program memory lock (in the OTP devices)
• 2.7Volt low voltage version available
• P-DIP-40, P-LCC-44, P-MQFP-44 package

GMS90C32/52, 97C52 GMS90L32/52, 97L52 (Low voltage versions)
• Fully compatible to standard MCS-51 microcontroller
• Wide operating frequency up to 40MHz (for more detail, see “GMS90 Series Selection Guide”)
• 8K × 8 (EP)ROM
• 256 × 8 RAM
• 64K external program memory space
• 64K external data memory space
• Four 8-bit ports
• Three 16-bit Timers / Counters (Timer2 with up/down counter feature)
• USART
• Six interrupt sources, two priority levels
• Power saving Idle and power down mode
• Quick pulse programming algorithm (in the OTP devices)
• 2-level program memory lock (in the OTP devices)
• 2.7Volt low voltage version available
• P-DIP-40, P-LCC-44, P-MQFP-44 package

GMS90C54/56/58, 97C54/56/58 GMS90L54/56/58, 97L54/56/58 (Low voltage versions)

• Fully compatible to standard MCS-51 microcontroller
• Wide operating frequency up to 40MHz (for more detail, see “GMS90 Series Selection Guide”)
• 16K/24K/32K bytes (EP)ROM
• 256 × 8 RAM
• 64K external program memory space
• 64K external data memory space
• Four 8-bit ports
• Three 16-bit Timers / Counters (Timer2 with up/down counter feature)
• USART
• One clock output port
• Programmable ALE pin enable / disable
• Six interrupt sources, two priority levels
• Power saving Idle and power down mode
• Quick pulse programming algorithm (in the OTP devices)
• 2-level program memory lock (in the OTP devices)
• 2.7Volt low voltage version available
• P-DIP-40, P-LCC-44, P-MQFP-44 package




Similar Part No. - GMS90L52

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS90L52 HYNIX-GMS90L52 Datasheet
818Kb / 59P
8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Similar Description - GMS90L52

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com