Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2527 Datasheet (PDF) - Agilent(Hewlett-Packard)

T2527 Datasheet PDF - Agilent(Hewlett-Packard)
Part # T2527
Download  T2527 Download
File Size   155.33 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Coaxial Pigtailed Laser Module

T2527 Datasheet (PDF)

Go To PDF Page Download Datasheet
T2527 Datasheet PDF - Agilent(Hewlett-Packard)

Part # T2527
Download  T2527 Click to download

File Size   155.33 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Coaxial Pigtailed Laser Module

T2527 Datasheet (HTML) - Agilent(Hewlett-Packard)


T2527 Product details

Description
Products in the LST2X2X family are compact coaxial pigtailed laser transmitters, operating in the 1300 nm wavelength region and coupling light to single mode fiber. They are designed for use in short, medium and long distance networks with bit rates up to 622 Mb/s. The device features a high reliability SMQW laser diode and rear facet monitor photodiode. These are electrically connected to four pins in an industry standard configuration.
Environmental performance is designed to be compatible with the requirements of Bellcore’s TA-NWT-000983 document.
Options within the LST2X2X family offer pinouts and pin rotational orientations designed to match existing products available on the market. We also offer a comprehensive range of alternative mounting flanges including a dual in line option.
If the specific arrangement or performance you require is not listed, please contact your local representative as our highly flexible design and manufacturing processes allow both physical and electro-optical customization to meet your needs.

Features
• Compact Coaxial Package
• Strained Multi Quantum Well (SMQW) Laser Chip
• Low Thresholds Current and Operating Currents
• Wide Operating Temperature -40°C to +85°C
• Optical Power May Be Customized up to 2 mW
• Modulation Capability up to 622 Mb/s
• Convenient Variety of Pinout and Mounting Flange Options

Applications
• Telecommunications
• Fiber in the Loop
• Inter/Intra Office
• SONET/SDH
• Datacommunications
• Switches




Similar Part No. - T2527

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T2520 ETC2-T2520 Datasheet
293Kb / 14P
Thin Top View with Reflector
logo
Stontronics Ltd.
T2524ST STONTRONICS-T2524ST Datasheet
1Mb / 3P
AC-AC Plugtop Adaptors
logo
ATMEL Corporation
T2525 ATMEL-T2525 Datasheet
219Kb / 10P
IR RECEIVER ASSP
T2525 ATMEL-T2525 Datasheet
199Kb / 12P
IR Receiver ASSP
T2525 ATMEL-T2525 Datasheet
231Kb / 12P
IR Receiver ASSP
More results


Similar Description - T2527

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LSA2825 HP-LSA2825 Datasheet
192Kb / 6P
Analog Coaxial Pigtailed Laser Module
LST2425X HP-LST2425X Datasheet
153Kb / 6P
Coaxial Pigtailed Laser Module
logo
Rochester Electronics
SPL405-015-4P ROCHESTER-SPL405-015-4P Datasheet
165Kb / 3P
Pigtailed Coaxial Laser Diode
SPL785-20-4P-PD ROCHESTER-SPL785-20-4P-PD Datasheet
169Kb / 3P
Pigtailed Coaxial Laser Diode
SPL1310-1-9-PD ROCHESTER-SPL1310-1-9-PD Datasheet
274Kb / 2P
Pigtailed Coaxial Laser Diode
SPL1310-4-9-PD ROCHESTER-SPL1310-4-9-PD Datasheet
260Kb / 3P
Pigtailed Coaxial Laser Diode
logo
Roithner LaserTechnik G...
SPL785-20-4-PD ROITHNER-SPL785-20-4-PD Datasheet
169Kb / 3P
Pigtailed Coaxial Laser Diode
SPL785-20-4P-PD ROITHNER-SPL785-20-4P-PD Datasheet
169Kb / 3P
Pigtailed Coaxial Laser Diode
SPL785-30-4-PD ROITHNER-SPL785-30-4-PD Datasheet
147Kb / 2P
Pigtailed Coaxial Laser Diode
SPL1310-4-9-PD ROITHNER-SPL1310-4-9-PD Datasheet
260Kb / 3P
Pigtailed Coaxial Laser Diode
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com