Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA-02184 Datasheet (PDF) - Agilent(Hewlett-Packard)

INA-02184 Datasheet PDF - Agilent(Hewlett-Packard)
Part # INA-02184
Download  INA-02184 Download
File Size   72.93 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Noise, Cascadable Silicon Bipolar MMIC Amplifier

INA-02184 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA-02184 Datasheet PDF - Agilent(Hewlett-Packard)

Part # INA-02184
Download  INA-02184 Click to download

File Size   72.93 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Noise, Cascadable Silicon Bipolar MMIC Amplifier

INA-02184 Datasheet (HTML) - Agilent(Hewlett-Packard)


INA-02184 Product details

Description

The INA-02184 and INA-02186 are low-noise silicon bipolar Mono lithic Microwave Integrated Circuit (MMIC) feedback amplifiers housed in low cost plastic packages. They are designed for narrow or wide bandwidth commercial applications that require high gain and low noise IF or RF amplification.

The INA series of MMICs is fabricated using HP’s 10 GHz fT, 25 GHz fMAX, ISOSAT™-I silicon bipolar process which uses nitride self-alignment, submicrometer lithography, trench isolation, ion implantation, gold metallization and polyimide intermetal dielectric and scratch protection to achieve excellent performance, uniformity and reliability.



Features

• Cascadable 50 Ω Gain Block

• Low Noise Figure:

   2.0 dB Typical at 0.5 GHz

• High Gain:

   31 dB Typical at 0.5 GHz

   26 dB Typical at 1.5 GHz

• 3 dB Bandwidth: DC to 0.8 GHz

• Unconditionally Stable (k>1)

• Low Cost Plastic Package



 




Similar Part No. - INA-02184

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-02184 HP-INA-02184 Datasheet
56Kb / 6P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-02184-BLK HP-INA-02184-BLK Datasheet
56Kb / 6P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-02184-TR1 HP-INA-02184-TR1 Datasheet
56Kb / 6P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-02184 HP-INA-02184_97 Datasheet
56Kb / 6P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
More results


Similar Description - INA-02184

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-01100 HP-INA-01100 Datasheet
56Kb / 3P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-01170 HP-INA-01170 Datasheet
50Kb / 3P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-02100 HP-INA-02100 Datasheet
56Kb / 3P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-02170 HP-INA-02170 Datasheet
50Kb / 3P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-03100 HP-INA-03100 Datasheet
52Kb / 3P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-03170 HP-INA-03170 Datasheet
50Kb / 3P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-03184 HP-INA-03184 Datasheet
50Kb / 4P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-10386 HP-INA-10386 Datasheet
51Kb / 4P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
INA-02184 HP-INA-02184_97 Datasheet
56Kb / 6P
Low Noise, Cascadable Silicon Bipolar MMIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0270 AVAGO-MSA-0270 Datasheet
158Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com