Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCNW137 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCNW137 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCNW137
Download  HCNW137 Download
File Size   246.18 Kbytes
Page   15 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High CMR Line Receiver Optocouplers

HCNW137 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCNW137 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCNW137
Download  HCNW137 Click to download

File Size   246.18 Kbytes
Page   15 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High CMR Line Receiver Optocouplers

HCNW137 Datasheet (HTML) - Agilent(Hewlett-Packard)


HCNW137 Product details

Description
The HCPL-2602/12 are optically coupled line receivers that combine a GaAsP light emitting diode, an input current regulator and an integrated high gain photo detector. The input regulator serves as a line termination for line receiver applications. It clamps the line voltage and regulates the LED current so line reflections do not interfere with circuit performance.

Features
• 1000 V/µs Minimum Common Mode Rejection (CMR) at VCM = 50 V for HCPL-2602 and 3.5 kV/µs Minimum CMR at VCM = 300 V for HCPL-2612
• Line Termination Included – No Extra Circuitry Required
• Accepts a Broad Range of Drive Conditions
• LED Protection Minimizes LED Efficiency Degradation
• High Speed: 10 MBd (Limited by Transmission Line in Many Applications)
• Guaranteed AC and DC Performance over Temperature: 0°C to 70°C
• External Base Lead Allows “LED Peaking” and LED Current Adjustment
• Safety Approval
    UL Recognized – 2500 V rms for 1 Minute CSA Approved
• MIL-STD-1772 Version Available (HCPL-1930/1)

Applications
• Isolated Line Receiver
• Computer-Peripheral Interface
• Microprocessor System Interface
• Digital Isolation for A/D, D/A Conversion
• Current Sensing
• Instrument Input/Output Isolation
• Ground Loop Elimination
• Pulse Transformer Replacement
• Power Transistor Isolation in Motor Drives




Similar Part No. - HCNW137

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCNW137 HP-HCNW137 Datasheet
256Kb / 20P
High CMR, High Speed TTL Compatible Optocouplers
HCNW137 HP-HCNW137 Datasheet
252Kb / 16P
HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW137 AVAGO-HCNW137 Datasheet
241Kb / 22P
High CMR, High Speed TTL Compatible Optocouplers
HCNW137 AVAGO-HCNW137 Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
HCNW137 BOARDCOM-HCNW137 Datasheet
1Mb / 30P
High CMR, High Speed TTL Compatible Optocouplers
More results


Similar Description - HCNW137

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4504 HP-HCPL-4504 Datasheet
231Kb / 16P
High CMR, High Speed Optocouplers
HCPL-J454 HP-HCPL-J454 Datasheet
153Kb / 20P
High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
High CMR, High Speed Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
High CMR Line Receiver Optocouplers Isolated line receiver
HCPL-4504-500E AVAGO-HCPL-4504-500E Datasheet
200Kb / 19P
High CMR, High Speed Optocouplers
HCPL-2602-300E AVAGO-HCPL-2602-300E Datasheet
469Kb / 16P
High CMR Line Receiver Optocouplers
HCPL-4504 AVAGO-HCPL-4504 Datasheet
416Kb / 19P
High CMR, High Speed Optocouplers
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com