Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL4506 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL4506 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL4506
Download  HCPL4506 Download
File Size   267.08 Kbytes
Page   14 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Intelligent Power Module and Gate Drive Interface Optocouplers

HCPL4506 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL4506 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL4506
Download  HCPL4506 Click to download

File Size   267.08 Kbytes
Page   14 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Intelligent Power Module and Gate Drive Interface Optocouplers

HCPL4506 Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL4506 Product details

Description
The HCPL-4506 and HCPL-0466 contain a GaAsP LED while the HCNW4506 contains an AlGaAs LED. The LED is optically coupled to an integrated high gain photo detector. Minimized propaThe connection of a 0.1 µF bypass capacitor between pins 5 and 8 is recommended. gation delay difference between devices make these optocouplers excellent solutions for improving inverter efficiency through reduced switching dead time.

Features
• Performance Specified for
   Common IPM Applications
   over Industrial Temperature
   Range: -40°C to 100°C
• Fast Maximum Propagation Delays
   tPHL = 400 ns
   tPLH = 550 ns
• Minimized Pulse Width
   Distortion (PWD = 450 ns)
• 15 kV/µs Minimum Common
   Mode Transient Immunity at VCM = 1500 V
• CTR > 44% at IF = 10 mA
• Safety Approval
   UL Recognized - 2500 V rms
      for 1 minute (5000 V rms for
      1 minute for HCNW4506 and
      HCPL-4506 Option 020) per
      UL1577
   CSA Approved
   VDE 0884 Approved
   -VIORM = 630 V peak for
      HCPL-4506 Option 060
   -VIORM = 1414 V peak for
      HCNW4506
   BSI Certified (HCNW4506)

Applications
• IPM Isolation
• Isolated IGBT/MOSFET Gate Drive
• AC and Brushless DC Motor Drives
• Industrial Inverters




Similar Part No. - HCPL4506

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
High Speed Transistor Optocouplers
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
High Speed Transistor Optocouplers
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
High Speed Transistor Optocouplers
HCPL4502M FAIRCHILD-HCPL4502M Datasheet
363Kb / 13P
High Speed Transistor Optocouplers
More results


Similar Description - HCPL4506

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4506 AVAGO-HCPL-4506 Datasheet
359Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0466-500E AVAGO-HCPL-0466-500E Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456 AVAGO-HCPL-J456 Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
HCPL-4506-000E AVAGO-HCPL-4506-000E Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0466-560E AVAGO-HCPL-0466-560E Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456-000E AVAGO-HCPL-J456-000E Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com