Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL4504 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL4504 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL4504
Download  HCPL4504 Download
File Size   231.95 Kbytes
Page   16 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High CMR, High Speed Optocouplers

HCPL4504 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL4504 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL4504
Download  HCPL4504 Click to download

File Size   231.95 Kbytes
Page   16 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High CMR, High Speed Optocouplers

HCPL4504 Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL4504 Product details

Description

These optocouplers are similar to HP’s other high speed transistor optocouplers but with shorter propagation delays and higher CTR. The HCPL-4504/0454 and HCNW4504 also have a guaranteed propagation delay difference (tPLH - tPHL). These features make these optocouplers an excellent solution to IPM inverter dead time and other switching problems.



Features

• Short Propagation Delays for TTL and IPM Applications

• 15 kV/µs Minimum Common Mode Transient Immunity at VCM = 1500 V for TTL/Load Drive

• High CTR at TA = 25°C

   >25% for HCPL-4504/0454

   >23% for HCNW4504

• Electrical Specifications for Common IPM Applications

• TTL Compatible

• Guaranteed Performance from 0°C to 70°C

• Open Collector Output

• Safety Approval

   UL Recognized - 2500 V rms

      for 1 minute (5000 V rms for

      1 minute for

      HCPL-4504#020 and

      HCNW4504)per UL1577

   CSA Approved

   VDE 0884 Approved

      -VIORM = 630 V peak for

         HCPL-4504#060

      -VIORM = 1414 V peak for

         HCNW4504

   BSI Certified (HCNW4504)

• Available in 8-Pin DIP, SO-8, Widebody Packages



Applications

• Inverter Circuits and Intelligent Power Module (IPM) interfacing - High Common Mode Transient Immunity (> 10 kV/µs for an IPM load/drive) and (tPLH - tPHL) Specified (See Power Inverter Dead Time section)

• Line Receivers - Short Propagation Delays and Low Input-Output Capacitance

• High Speed Logic Ground Isolation - TTL/TTL, TTL/ CMOS, TTL/LSTTL

• Replaces Pulse

   Transformers - Save Board Space and Weight

• Analog Signal Ground

   Isolation - Integrated Photodetector Provides Improved Linearity over Phototransistors



 




Similar Part No. - HCPL4504

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HCPL4502 TI-HCPL4502 Datasheet
155Kb / 1P
OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
High Speed Transistor Optocouplers
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
High Speed Transistor Optocouplers
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
High Speed Transistor Optocouplers
HCPL4502M FAIRCHILD-HCPL4502M Datasheet
363Kb / 13P
High Speed Transistor Optocouplers
More results


Similar Description - HCPL4504

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-J454 HP-HCPL-J454 Datasheet
153Kb / 20P
High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
High CMR, High Speed Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-4504-500E AVAGO-HCPL-4504-500E Datasheet
200Kb / 19P
High CMR, High Speed Optocouplers
HCPL-4504 AVAGO-HCPL-4504 Datasheet
416Kb / 19P
High CMR, High Speed Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
High CMR, High Speed TTL Compatible Optocouplers
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com