Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT49C50 Datasheet (PDF) - Holtek Semiconductor Inc

HT49C50 Datasheet PDF - Holtek Semiconductor Inc
Part # HT49C50
Download  HT49C50 Download

File Size   318.65 Kbytes
Page   52 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 8-Bit Microcontroller

HT49C50 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT49C50 Datasheet PDF - Holtek Semiconductor Inc

Part # HT49C50
Download  HT49C50 Click to download

File Size   318.65 Kbytes
Page   52 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 8-Bit Microcontroller

HT49C50 Datasheet (HTML) - Holtek Semiconductor Inc

Back Button HT49C50 Datasheet HTML 1Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 2Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 9Page - Holtek Semiconductor Inc HT49C50 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button 

HT49C50 Product details

General Description
The HT49C50 is an 8-bit high performance single chip microcontroller. Its single cycle instruction and two-stage pipeline architecture make it suitable for high speed applications. The device is suited for use in multiple LCD low power applications among which are calculators, clock timers, games, scales, leisure products, other hand held LCD products, and battery system in particular.

Features
• Operating voltage: 2.2V~5.2V
• 8 input lines
• 12 bidirectional I/O lines
• Two external interrupt input
• Two 8-bit programmable timer/event counter with PFD (programmable frequency divider) function
• LCD driver with 33  3 or 32  4 segments
• 4K  15 program memory ROM
• 160  8 data memory RAM
• Real Time Clock (RTC)
• 8-bit prescaler for RTC
• Watchdog timer
• Buzzer output
• On-chip crystal and RC oscillator
• Halt function and wake-up feature reduce power consumption
• 6-level subroutine nesting
• Bit manipulation instruction
• 15-bit table read instruction
• Up to 1μs instruction cycle with 4MHz system clock
• 63 powerful instructions
• All instructions in 1 or 2 machine cycles
• 80/100-pin QFP package




Similar Part No. - HT49C50

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49C50-1 HOLTEK-HT49C50-1 Datasheet
318Kb / 45P
   LCD Type 8-Bit MCU
HT49C50-1 HOLTEK-HT49C50-1 Datasheet
345Kb / 45P
   LCD Type 8-Bit MCU
HT49C50-1 HOLTEK-HT49C50-1 Datasheet
286Kb / 44P
   LCD Type 8-Bit MCU
HT49C50-1 HOLTEK-HT49C50-1_12 Datasheet
302Kb / 44P
   LCD Type 8-Bit MCU
HT49C50L HOLTEK-HT49C50L Datasheet
318Kb / 45P
   LCD Type 8-Bit MCU
More results


Similar Description - HT49C50

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com