Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMC30J15CA Datasheet (PDF) - STMicroelectronics

SMC30J15CA Datasheet PDF - STMicroelectronics
Part # SMC30J15CA
Download  SMC30J15CA Download
File Size   132.86 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3000 W Transil™

SMC30J15CA Datasheet (PDF)

Go To PDF Page Download Datasheet
SMC30J15CA Datasheet PDF - STMicroelectronics

Part # SMC30J15CA
Download  SMC30J15CA Click to download

File Size   132.86 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3000 W Transil™

SMC30J15CA Datasheet (HTML) - STMicroelectronics


SMC30J15CA Product details

Description
The SMC30J Transil series has been designed to protect sensitive equipment against surges below 3000 W (10/1000 µs) and against electro-static discharges according to IEC 61000-4-2, and MIL STD 883, method 3015.
The Planar technology makes it compatible with high-end equipment and SMPS where low leakage current and high junction temperature are required to provide reliability and stability over time. SMC30J are packaged in SMC (SMC footprint in accordance with IPC 7531 standard).

Features
■ Peak pulse power:
   – 3000 W (10/1000 μs)
■ Stand off voltage range: from 5 V to 33 V
■ Unidirectional and bidirectional types
■ Low leakage current: 0.2 μA
■ Operating Tj max: 150 °C
■ High power capability at Tj max:
   – 2200 W (10/1000 µs)
■ JEDEC registered package outline

Complies with the following standards
■ IEC 61000-4-2 level 4
   – 15 kV (air discharge)
   – 8 kV (contact discharge)
■ MIL STD 883G, method 3015-7 Class 3B
   – 25 kV HBM (human body model)
■ Resin meets UL 94, V0
■ MIL-STD-750, method 2026 solderability
■ EIA STD RS-481 and IEC 60286-3 packing
■ IPC 7531 footprint




Similar Part No. - SMC30J15CA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMC30J15CA STMICROELECTRONICS-SMC30J15CA Datasheet
672Kb / 13P
3000 W TVS in SMC
31-Jan-2022
More results


Similar Description - SMC30J15CA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T39CAY STMICROELECTRONICS-SM15T39CAY Datasheet
227Kb / 12P
Automotive 1500 W Transil
27-Mar-2012
SM30T18AY STMICROELECTRONICS-SM30T18AY Datasheet
236Kb / 13P
Automotive 3000 W Transil™
27-Mar-2012
SMC30J10A STMICROELECTRONICS-SMC30J10A Datasheet
132Kb / 10P
3000 W Transil™
28-Jul-2011
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
SM30T28CAY STMICROELECTRONICS-SM30T28CAY Datasheet
277Kb / 12P
Automotive 3000 W Transil
23-Jun-2014
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
Automotive 600 W Transil
27-Mar-2012
SMC30J10CA STMICROELECTRONICS-SMC30J10CA Datasheet
132Kb / 10P
3000 W Transil
28-Jul-2011
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
Automotive 600 W Transil
27-Mar-2012
SMAJ STMICROELECTRONICS-SMAJ_V01 Datasheet
148Kb / 10P
Transil™
09-Jul-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com