Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBPC610 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

KBPC610 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # KBPC610
Download  KBPC610 Download
File Size   68.19 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 8.0A SINGLE - PHASE SILICON BRIDGE

KBPC610 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBPC610 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # KBPC610
Download  KBPC610 Click to download

File Size   68.19 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 8.0A SINGLE - PHASE SILICON BRIDGE

KBPC610 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


KBPC610 Product details

VOLTAGE RANGE 50V to 1000 Volts PRV CURRENT 8 Amperes

Features
• Surge overload rating -125 Amperes peak
• Lowforward vottage drop
• Mounting Position: Any
• Small size; simple installation
• Silver Plated Copper leads
• Ceramic case on BR8 series
• U/L recognized file # 142814




Similar Part No. - KBPC610

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC610 WTE-KBPC610 Datasheet
40Kb / 3P
6.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC610 JGD-KBPC610 Datasheet
131Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBPC610 SEMTECH-KBPC610 Datasheet
122Kb / 2P
6.0A SINGLE - PHASE SILICON BRIDGE???
logo
Shanghai Sunrise Electr...
KBPC610 SSE-KBPC610 Datasheet
21Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC610 CHENYI-KBPC610 Datasheet
149Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
More results


Similar Description - KBPC610

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC8 SEMTECH-KBPC8 Datasheet
126Kb / 2P
8.0A SINGLE - PHASE SILICON BRIDGE???
KBU4A SEMTECH-KBU4A Datasheet
159Kb / 2P
4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
logo
Won-Top Electronics
GBU8A WTE-GBU8A_06 Datasheet
60Kb / 4P
8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBJ8A WTE-KBJ8A_06 Datasheet
76Kb / 4P
8.0A SINGLE-PHASE BRIDGE RECTIFIER
KBPC800 WTE-KBPC800_06 Datasheet
60Kb / 4P
8.0A SINGLE-PHASE BRIDGE RECTIFIER
KBPC800S WTE-KBPC800S Datasheet
43Kb / 4P
8.0A SINGLE-PHASE BRIDGE RECTIFIER
KBU800 WTE-KBU800_06 Datasheet
50Kb / 4P
8.0A SINGLE-PHASE BRIDGE RECTIFIER
KBU800G WTE-KBU800G_06 Datasheet
52Kb / 4P
8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB805 TAITRON-TB805 Datasheet
180Kb / 4P
8.0A Single-Phase Silicon Bridge Rectifier
logo
Won-Top Electronics
KBU810 WTE-KBU810 Datasheet
44Kb / 4P
8.0A SINGLE PHASE BRIDGE RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com