Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR300 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

CR300 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # CR300
Download  CR300 Download
File Size   74.31 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Current Regulator Diodes

CR300 Datasheet (PDF)

Go To PDF Page Download Datasheet
CR300 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # CR300
Download  CR300 Click to download

File Size   74.31 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Current Regulator Diodes

CR300 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


CR300 Product details

DESCRIPTION
The CR series is a family of ± 10% range current regulators designed for demanding applications in test equipment and instrumentation. These devices combine a JFET with an integrated resistor to produce a single two-leaded device which is extremely simple to operate. With nominal current ranges from 1.60 mAto 4.70 mA, this series will meet a wide array of design requirements.

FEATURES
• Two-LeadHermetic Package
• Guaranteed Tight ±10%Tolerance
• Operation from 1V (CR160) to 100 V
• Excellent Temperature Stabilit

BENEFITS
• Simple Series Circuitry, NoSeparate Voltage Source
• Tighter Guaranteed Circuit Performance
• Excellent Performance inLow-Voltage/Battery Circuits and High-Voltage Spike Protection
• High Circuit Stability vs. Temperatur

APPLICATIONS
• Constant-Current Supply
• Current-Limiting
• Timing Circuits




Similar Part No. - CR300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CR300 VISHAY-CR300 Datasheet
57Kb / 4P
Current Regulator Diodes
15-Mar-04
logo
Campbell Scientific Uni...
CR300 CAMPBELL-CR300 Datasheet
1Mb / 4P
Datalogger
04/18/2023
CR300 CAMPBELL-CR300 Datasheet
5Mb / 8P
Also known as Data Loggers, Data Recorders, and RTUs
January 4, 2018
CR300-CELL200 CAMPBELL-CR300-CELL200 Datasheet
1Mb / 1P
Cellular Data Services
October 15, 2018
CR300-CELL205 CAMPBELL-CR300-CELL205 Datasheet
1Mb / 1P
Cellular Data Services
October 15, 2018
More results


Similar Description - CR300

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5283 MOTOROLA-1N5283 Datasheet
119Kb / 5P
CURRENT REGULATOR DIODES
logo
Compensated Deuices Inc...
1N5283 CDI-DIODE-1N5283 Datasheet
30Kb / 2P
CURRENT REGULATOR DIODES
DCR250 CDI-DIODE-DCR250 Datasheet
15Kb / 1P
CURRENT REGULATOR DIODES
logo
Microsemi Corporation
CDLL250 MICROSEMI-CDLL250 Datasheet
19Kb / 1P
CURRENT REGULATOR DIODES
DCR250 MICROSEMI-DCR250 Datasheet
19Kb / 1P
CURRENT REGULATOR DIODES
1N5283 MICROSEMI-1N5283_10 Datasheet
30Kb / 1P
CURRENT REGULATOR DIODES
logo
Digitron Semiconductors
1N5283 DIGITRON-1N5283 Datasheet
132Kb / 3P
CURRENT REGULATOR DIODES
logo
New Jersey Semi-Conduct...
J500 NJSEMI-J500 Datasheet
632Kb / 2P
Current Regulator Diodes
2N5283 NJSEMI-2N5283 Datasheet
196Kb / 2P
CURRENT REGULATOR DIODES
logo
Microsemi Corporation
JAN1N5283-1 MICROSEMI-JAN1N5283-1 Datasheet
223Kb / 6P
CURRENT REGULATOR DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com