Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBL08 Datasheet (PDF) - General Semiconductor

KBL08 Datasheet PDF - General Semiconductor
Part # KBL08
Download  KBL08 Download
File Size   73.66 Kbytes
Page   2 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description SINGLE-PHASE BRIDGE RECTIFIER

KBL08 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBL08 Datasheet PDF - General Semiconductor

Part # KBL08
Download  KBL08 Click to download

File Size   73.66 Kbytes
Page   2 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description SINGLE-PHASE BRIDGE RECTIFIER

KBL08 Datasheet (HTML) - General Semiconductor


KBL08 Product details

Reverse Voltage - 50 to 1000 Volts

Forward Current - 4.0 Amperes



FEATURES

♦ Plastic material has Underwriters Laboratory Flammability Classification 94V-0

♦This series is UL listed under the Recognized Component Index, file number E54214

♦ High case dielectric strength of 1500 VRMS

♦ Ideal for printed circuit boards

♦ High forward surge current capability

♦ High surge current capability

♦ High temperature soldering guaranteed: 250°C/10 seconds, 0.375" (9.5mm) lead length, 5lbs. (2.3kg) tension



MECHANICAL DATA

Case: Molded plastic body

Terminals: Plated leads solderable per MIL-STD-750, Method 2026

Mounting Position: Any

Weight: 0.2 ounce, 5.6 grams




Similar Part No. - KBL08

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBL08 SEMTECH-KBL08 Datasheet
128Kb / 2P
4.0A SINGLE - PHASE SILICON BRIDGE
logo
Shanghai Lunsure Electr...
KBL08 CHENYI-KBL08 Datasheet
155Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
logo
Dc Components
KBL08 DCCOM-KBL08 Datasheet
379Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Fuji Electric
KBL08 FUJI-KBL08 Datasheet
632Kb / 1P
4 AMP SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
KBL08 GOOD-ARK-KBL08 Datasheet
50Kb / 2P
SINGLE-PHASE SILICON BRIDGE
More results


Similar Description - KBL08

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results




About General Semiconductor


General Semiconductor was an American semiconductor company that specialized in the design and manufacture of discrete semiconductor components such as diodes, rectifiers, transistors, and thyristors. The company was founded in 1952 and was headquartered in Melville, New York.

General Semiconductor's products were used in a wide range of applications, including consumer electronics, automotive, industrial, and telecommunications industries. The company's product portfolio included a variety of discrete semiconductor components, such as small signal diodes, power diodes, bridge rectifiers, and transient voltage suppressors (TVS).

In 2001, Vishay Intertechnology, a leading manufacturer of discrete semiconductors and passive electronic components, acquired General Semiconductor in a stock-for-stock transaction valued at approximately $1.6 billion. Following the acquisition, General Semiconductor became a subsidiary of Vishay Intertechnology, and its products and technologies were integrated into Vishay's broad portfolio of electronic components.

Today, Vishay Intertechnology continues to provide a wide range of discrete semiconductor components, leveraging the technologies and expertise gained through the acquisition of General Semiconductor. The company's products are used in various industries, including automotive, computing, telecommunications, and industrial automation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com